Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 286Page - Renesas Technology Corp SH-2 Datasheet HTML 287Page - Renesas Technology Corp SH-2 Datasheet HTML 288Page - Renesas Technology Corp SH-2 Datasheet HTML 289Page - Renesas Technology Corp SH-2 Datasheet HTML 290Page - Renesas Technology Corp SH-2 Datasheet HTML 291Page - Renesas Technology Corp SH-2 Datasheet HTML 292Page - Renesas Technology Corp SH-2 Datasheet HTML 293Page - Renesas Technology Corp SH-2 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 919 page
background image
264
• Bit 3—Input Capture/Compare-Match Interrupt Enable 1D (IME1D): Enables or disables
interrupt requests by IMF1D in TSR1A when IMF1D is set to 1.
Bit 3: IME1D
Description
0
IMI1D interrupt requested by IMF1D is disabled
(Initial value)
1
IMI1D interrupt requested by IMF1D is enabled
• Bit 2—Input Capture/Compare-Match Interrupt Enable 1C (IME1C): Enables or disables
interrupt requests by IMF1C in TSR1A when IMF1C is set to 1.
Bit 2: IME1C
Description
0
IMI1C interrupt requested by IMF1C is disabled
(Initial value)
1
IMI1C interrupt requested by IMF1C is enabled
• Bit 1—Input Capture/Compare-Match Interrupt Enable 1B (IME1B): Enables or disables
interrupt requests by IMF1B in TSR1A when IMF1B is set to 1.
Bit 1: IME1B
Description
0
IMI1B interrupt requested by IMF1B is disabled
(Initial value)
1
IMI1B interrupt requested by IMF1B is enabled
• Bit 0—Input Capture/Compare-Match Interrupt Enable 1A (IME1A): Enables or disables
interrupt requests by IMF1A in TSR1A when IMF1A is set to 1.
Bit 0: IME1A
Description
0
IMI1A interrupt requested by IMF1A is disabled
(Initial value)
1
IMI1A interrupt requested by IMF1A is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com