Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 290Page - Renesas Technology Corp SH-2 Datasheet HTML 291Page - Renesas Technology Corp SH-2 Datasheet HTML 292Page - Renesas Technology Corp SH-2 Datasheet HTML 293Page - Renesas Technology Corp SH-2 Datasheet HTML 294Page - Renesas Technology Corp SH-2 Datasheet HTML 295Page - Renesas Technology Corp SH-2 Datasheet HTML 296Page - Renesas Technology Corp SH-2 Datasheet HTML 297Page - Renesas Technology Corp SH-2 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 919 page
background image
268
• Bit 0—Input Capture/Compare-Match Interrupt Enable 2A (IME2A): Enables or disables
interrupt requests by IMF2A in TSR2A when IMF2A is set to 1.
Bit 0: IME2A
Description
0
IMI2A interrupt requested by IMF2A is disabled
(Initial value)
1
IMI2A interrupt requested by IMF2A is enabled
TIER2B: TIER2B controls enabling/disabling of channel 2 compare-match and overflow interrupt
requests.
Bit:
15
14
13
12
11
10
9
8
———————
OVE2B
Initial value:
00000000
R/W:
RRRRRRR
R/W
Bit:
76543210
CME2H
CME2G
CME2F
CME2E
CME2D
CME2C
CME2B
CME2A
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15 to 9—Reserved: These bits always read 0. The write value should always be 0.
• Bit 8—Overflow Interrupt Enable 2B (OVE2B): Enables or disables interrupt requests by
OVF2B in TSR2B when OVF2B is set to 1.
Bit 8: OVE2B
Description
0
OVI2B interrupt requested by OVF2B is disabled
(Initial value)
1
OVI2B interrupt requested by OVF2B is enabled
• Bit 7—Compare-Match Interrupt Enable 2H (CME2H): Enables or disables interrupt requests
by CMF2F in TSR2B when CMF2H is set to 1.
Bit 7: CME2H
Description
0
CMI2H interrupt requested by CMF2H is disabled
(Initial value)
1
CMI2H interrupt requested by CMF2H is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com