Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 304Page - Renesas Technology Corp SH-2 Datasheet HTML 305Page - Renesas Technology Corp SH-2 Datasheet HTML 306Page - Renesas Technology Corp SH-2 Datasheet HTML 307Page - Renesas Technology Corp SH-2 Datasheet HTML 308Page - Renesas Technology Corp SH-2 Datasheet HTML 309Page - Renesas Technology Corp SH-2 Datasheet HTML 310Page - Renesas Technology Corp SH-2 Datasheet HTML 311Page - Renesas Technology Corp SH-2 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 919 page
background image
282
10.2.7
Interval Interrupt Request Registers (ITVRR)
The interval interrupt request registers (ITVRR) are 8-bit registers. The ATU-II has three ITVRR
registers in channel 0.
Channel
Abbreviation
Function
0
ITVRR1
TCNT0 bit 6 to 9 interval interrupt generation
ITVRR2A
TCNT0 bit 10 to 13 interval interrupt generation and A/D0
converter activation
ITVRR2B
TCNT0 bit 10 to 13 interval interrupt generation and A/D1
converter activation
Interval Interrupt Request Register 1 (ITVRR1)
Bit:
7
6
5
4
3
2
1
0


ITVE9
ITVE8
ITVE7
ITVE6
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ITVRR1 is an 8-bit readable/writable register that detects the rise of bits corresponding to the
channel 0 free-running counter (TCNT0) and requests cyclic interrupt.
ITVRR1 is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
• Bit 7 to 4—Reserved: These bits always read 0. The write value should always be 0.
• Bit 3—Interval Interrupt Bit 9 (ITVE9): INTC interval interrupt setting bit corresponding to bit
9 in TCNT0. The rise of bit 9 in TCNT0 is ANDed with ITVE9, the result is stored in IIF1 in
TSR0, and an interrupt request is sent to the CPU.
Bit 3: ITVE9
Description
0
Interrupt request (ITV1) by rise of TCNT0 bit 9 is disabled
(Initial value)
1
Interrupt request (ITV1) by rise of TCNT0 bit 9 is enabled
• Bit 2—Interval Interrupt Bit 8 (ITVE8): INTC interval interrupt setting bit corresponding to bit
8 in TCNT0. The rise of bit 8 in TCNT0 is ANDed with ITVE8, the result is stored in IIF1 in
TSR0, and an interrupt request is sent to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com