Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 301Page - Renesas Technology Corp SH-2 Datasheet HTML 302Page - Renesas Technology Corp SH-2 Datasheet HTML 303Page - Renesas Technology Corp SH-2 Datasheet HTML 304Page - Renesas Technology Corp SH-2 Datasheet HTML 305Page - Renesas Technology Corp SH-2 Datasheet HTML 306Page - Renesas Technology Corp SH-2 Datasheet HTML 307Page - Renesas Technology Corp SH-2 Datasheet HTML 308Page - Renesas Technology Corp SH-2 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 919 page
background image
279
• Bit 0—One-Shot Pulse Interrupt Enable 8A (OSE8A): Enables or disables interrupt requests
by OSF8A in TSR8 when OSF8A is set to 1.
Bit 0: OSE8A
Description
0
OSI8A interrupt requested by OSF8A is disabled
(Initial value)
1
OSI8A interrupt requested by OSF8A is enabled
Timer Interrupt Enable Register 9 (TIER9)
TIER9 controls enabling/disabling of channel 9 event counter compare-match interrupt requests.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
——
CME9F
CME9E CME9D
CME9C
CME9B CME9A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15 to 6—Reserved: These bits always read 0. The write value should always be 0.
• Bit 5—Compare-Match Interrupt Enable 9F (CME9F): Enables or disables interrupt requests
by CMF9F in TSR9 when CMF9F is set to 1.
Bit 5: CME9F
Description
0
CMI9F interrupt requested by CMF9F is disabled
(Initial value)
1
CMI9F interrupt requested by CMF9F is enabled
• Bit 4—Compare-Match Interrupt Enable 9E (CME9E): Enables or disables interrupt requests
by CMF9E in TSR9 when CMF9E is set to 1.
Bit 4: CME9E
Description
0
CMI9E interrupt requested by CMF9E is disabled
(Initial value)
1
CMI9E interrupt requested by CMF9E is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com