Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 299Page - Renesas Technology Corp SH-2 Datasheet HTML 300Page - Renesas Technology Corp SH-2 Datasheet HTML 301Page - Renesas Technology Corp SH-2 Datasheet HTML 302Page - Renesas Technology Corp SH-2 Datasheet HTML 303Page - Renesas Technology Corp SH-2 Datasheet HTML 304Page - Renesas Technology Corp SH-2 Datasheet HTML 305Page - Renesas Technology Corp SH-2 Datasheet HTML 306Page - Renesas Technology Corp SH-2 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 919 page
background image
277
• Bit 10—One-Shot Pulse Interrupt Enable 8K (OSE8K): Enables or disables interrupt requests
by OSF8K in TSR8 when OSF8K is set to 1.
Bit 10: OSE8K
Description
0
OSI8K interrupt requested by OSF8K is disabled
(Initial value)
1
OSI8K interrupt requested by OSF8K is enabled
• Bit 9—One-Shot Pulse Interrupt Enable 8J (OSE8J): Enables or disables interrupt requests by
OSF8J in TSR8 when OSF8J is set to 1.
Bit 9: OSE8J
Description
0
OSI8J interrupt requested by OSF8J is disabled
(Initial value)
1
OSI8J interrupt requested by OSF8J is enabled
• Bit 8—One-Shot Pulse Interrupt Enable 8I (OSE8I): Enables or disables interrupt requests by
OSF8I in TSR8 when OSF8I is set to 1.
Bit 8: OSE8I
Description
0
OSI8I interrupt requested by OSF8I is disabled
(Initial value)
1
OSI8I interrupt requested by OSF8I is enabled
• Bit 7—One-Shot Pulse Interrupt Enable 8H (OSE8H): Enables or disables interrupt requests
by OSF8H in TSR8 when OSF8H is set to 1.
Bit 7: OSE8H
Description
0
OSI8H interrupt requested by OSF8H is disabled
(Initial value)
1
OSI8H interrupt requested by OSF8H is enabled
• Bit 6—One-Shot Pulse Interrupt Enable 8G (OSE8G): Enables or disables interrupt requests
by OSF8G in TSR8 when OSF8G is set to 1.
Bit 6: OSE8G
Description
0
OSI8G interrupt requested by OSF8G is disabled
(Initial value)
1
OSI8G interrupt requested by OSF8G is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com