Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 295Page - Renesas Technology Corp SH-2 Datasheet HTML 296Page - Renesas Technology Corp SH-2 Datasheet HTML 297Page - Renesas Technology Corp SH-2 Datasheet HTML 298Page - Renesas Technology Corp SH-2 Datasheet HTML 299Page - Renesas Technology Corp SH-2 Datasheet HTML 300Page - Renesas Technology Corp SH-2 Datasheet HTML 301Page - Renesas Technology Corp SH-2 Datasheet HTML 302Page - Renesas Technology Corp SH-2 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 919 page
background image
273
• Bit 3—Input Capture/Compare-Match Interrupt Enable 3D (IME3D): Enables or disables
interrupt requests by IMF3D in TSR3 when IMF3D is set to 1.
Bit 3: IME3D
Description
0
IMI3D interrupt requested by IMF3D is disabled
(Initial value)
1
IMI3D interrupt requested by IMF3D is enabled
• Bit 2—Input Capture/Compare-Match Interrupt Enable 3C (IME3C): Enables or disables
interrupt requests by IMF3C in TSR3 when IMF3C is set to 1.
Bit 2: IME3C
Description
0
IMI3C interrupt requested by IMF3C is disabled
(Initial value)
1
IMI3C interrupt requested by IMF3C is enabled
• Bit 1—Input Capture/Compare-Match Interrupt Enable 3B (IME3B): Enables or disables
interrupt requests by IMF3B in TSR3 when IMF3B is set to 1.
Bit 1: IME3B
Description
0
IMI3B interrupt requested by IMF3B is disabled
(Initial value)
1
IMI3B interrupt requested by IMF3B is enabled
• Bit 0—Input Capture/Compare-Match Interrupt Enable 3A (IME3A): Enables or disables
interrupt requests by IMF3A in TSR3 when IMF3A is set to 1.
Bit 0: IME3A
Description
0
IMI3A interrupt requested by IMF3A is disabled
(Initial value)
1
IMI3A interrupt requested by IMF3A is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com