Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 297Page - Renesas Technology Corp SH-2 Datasheet HTML 298Page - Renesas Technology Corp SH-2 Datasheet HTML 299Page - Renesas Technology Corp SH-2 Datasheet HTML 300Page - Renesas Technology Corp SH-2 Datasheet HTML 301Page - Renesas Technology Corp SH-2 Datasheet HTML 302Page - Renesas Technology Corp SH-2 Datasheet HTML 303Page - Renesas Technology Corp SH-2 Datasheet HTML 304Page - Renesas Technology Corp SH-2 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 919 page
background image
275
• Bit 1—Cycle Register Compare-Match Interrupt Enable 6B/7B (CME6B/CME7B): Enables or
disables interrupt requests by CMFxB in TSR6 or TSR7 when CMFxB is set to 1. Setting the
DMAC while interrupt requests are enabled allows the DMAC to be activated by an interrupt
request.
Bit 1: CMExB
Description
0
CMIxB interrupt requested by CMFxB is disabled
(Initial value)
1
CMIxB interrupt requested by CMFxB is enabled
x = 6 or 7
• Bit 0—Cycle Register Compare-Match Interrupt Enable 6A/7A (CME6A/CME7A): Enables or
disables interrupt requests by CMFxA in TSR6 or TSR7 when CMFxA is set to 1. Setting the
DMAC while interrupt requests are enabled allows the DMAC to be activated by an interrupt
request.
Bit 0: CMExA
Description
0
CMIxA interrupt requested by CMFxA is disabled
(Initial value)
1
CMIxA interrupt requested by CMFxA is enabled
x = 6 or 7
Timer Interrupt Enable Register 8 (TIER8)
TIER8 controls enabling/disabling of channel 8 one-shot pulse interrupt requests.
Bit:
15
14
13
12
11
10
9
8
OSE8P
OSE8O OSE8N
OSE8M
OSE8L
OSE8K
OSE8J
OSE8I
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
OSE8H
OSE8G
OSE8F
OSE8E OSE8D
OSE8C
OSE8B
OSE8A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com