Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 320Page - Renesas Technology Corp SH-2 Datasheet HTML 321Page - Renesas Technology Corp SH-2 Datasheet HTML 322Page - Renesas Technology Corp SH-2 Datasheet HTML 323Page - Renesas Technology Corp SH-2 Datasheet HTML 324Page - Renesas Technology Corp SH-2 Datasheet HTML 325Page - Renesas Technology Corp SH-2 Datasheet HTML 326Page - Renesas Technology Corp SH-2 Datasheet HTML 327Page - Renesas Technology Corp SH-2 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 919 page
background image
298
• Bit 11—Connection Flag 8L (CN8L): Enables or disables connection between DST8L and the
channel 2 down-count start trigger.
Bit 11: CN8L
Description
0
Connection between DST8L and channel 2 down-count start trigger D is
disabled
(Initial value)
1
Connection between DST8L and channel 2 down-count start trigger D is
enabled
• Bit 10—Connection Flag 8K (CN8K): Enables or disables connection between DST8K and the
channel 2 down-count start trigger.
Bit 10: CN8K
Description
0
Connection between DST8K and channel 2 down-count start trigger C is
disabled
(Initial value)
1
Connection between DST8K and channel 2 down-count start trigger C is
enabled
• Bit 9—Connection Flag 8J (CN8J): Enables or disables connection between DST8J and the
channel 2 down-count start trigger.
Bit 9: CN8J
Description
0
Connection between DST8J and channel 2 down-count start trigger B is
disabled
(Initial value)
1
Connection between DST8J and channel 2 down-count start trigger B is
enabled
• Bit 8—Connection Flag 8I (CN8I): Enables or disables connection between DST8I and the
channel 2 down-count start trigger.
Bit 8: CN8I
Description
0
Connection between DST8I and channel 2 down-count start trigger A is
disabled
(Initial value)
1
Connection between DST8I and channel 2 down-count start trigger A is
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com