Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 317Page - Renesas Technology Corp SH-2 Datasheet HTML 318Page - Renesas Technology Corp SH-2 Datasheet HTML 319Page - Renesas Technology Corp SH-2 Datasheet HTML 320Page - Renesas Technology Corp SH-2 Datasheet HTML 321Page - Renesas Technology Corp SH-2 Datasheet HTML 322Page - Renesas Technology Corp SH-2 Datasheet HTML 323Page - Renesas Technology Corp SH-2 Datasheet HTML 324Page - Renesas Technology Corp SH-2 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 919 page
background image
295
• Bit 3—Down-Count Start 8D (DST8D): Starts down-counter 8D (DCNT8D).
Bit 3: DST8D
Description
0
DCNT8D is halted
(Initial value)
[Clearing conditions]
When the DCNT8D value underflows, or on channel 1 (GR1D or OCR1)
compare-match
1
DCNT8D counts
[Setting conditions]
• One-shot pulse function: Set by user program (DCNT8D ≠ H'0000)
•••• Offset one-shot pulse function: Set on OCR1 compare-match or GR1D
compare-match, or by user program (DCNT8D
≠ H'0000)
• Bit 2—Down-Count Start 8C (DST8C): Starts down-counter 8C (DCNT8C).
Bit 2: DST8C
Description
0
DCNT8C is halted
(Initial value)
[Clearing conditions]
When the DCNT8C value underflows, or on channel 1 (GR1C or OCR1)
compare-match
1
DCNT8C counts
[Setting conditions]
• One-shot pulse function: Set by user program (DCNT8C ≠ H'0000)
•••• Offset one-shot pulse function: Set on OCR1 compare-match or GR1C
compare-match, or by user program (DCNT8C
≠ H'0000)
• Bit 1—Down-Count Start 8B (DST8B): Starts down-counter 8B (DCNT8B).
Bit 1: DST8B
Description
0
DCNT8B is halted
(Initial value)
[Clearing conditions]
When the DCNT8B value underflows, or on channel 1 (GR1B or OCR1)
compare-match
1
DCNT8B counts
[Setting conditions]
• One-shot pulse function: Set by user program (DCNT8B ≠ H'0000)
•••• Offset one-shot pulse function: Set on OCR1 compare-match or GR1B
compare-match, or by user program (DCNT8B
≠ H'0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com