Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 313Page - Renesas Technology Corp SH-2 Datasheet HTML 314Page - Renesas Technology Corp SH-2 Datasheet HTML 315Page - Renesas Technology Corp SH-2 Datasheet HTML 316Page - Renesas Technology Corp SH-2 Datasheet HTML 317Page - Renesas Technology Corp SH-2 Datasheet HTML 318Page - Renesas Technology Corp SH-2 Datasheet HTML 319Page - Renesas Technology Corp SH-2 Datasheet HTML 320Page - Renesas Technology Corp SH-2 Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 919 page
background image
291
• Bit 15—Down-Count Start 8P (DST8P): Starts down-counter 8P (DCNT8P).
Bit 15: DST8P
Description
0
DCNT8P is halted
(Initial value)
[Clearing conditions]
When the DCNT8P value underflows, or on channel 2 (GR2H) compare-
match
1
DCNT8P counts
[Setting conditions]
•••• One-shot pulse function: Set by user program (DCNT8P ≠ H'0000)
•••• Offset one-shot pulse function: Set on OCR2H compare-match (DCNT8P
≠ H'0000 or reload possible) or by user program (DCNT8P ≠ H'0000)
• Bit 14—Down-Count Start 8O (DST8O): Starts down-counter 8O (DCNT8O).
Bit 14: DST8O
Description
0
DCNT8O is halted
(Initial value)
[Clearing conditions]
When the DCNT8O value underflows, or on channel 2 (GR2G) compare-
match
1
DCNT8O counts
[Setting conditions]
• One-shot pulse function: Set by user program (DCNT8O ≠ H'0000)
•••• Offset one-shot pulse function: Set on OCR2G compare-match (DCNT8O
≠ H'0000 or reload possible) or by user program (DCNT8O ≠ H'0000)
• Bit 13—Down-Count Start 8N (DST8N): Starts down-counter 8N (DCNT8N).
Bit 13: DST8N
Description
0
DCNT8N is halted
(Initial value)
[Clearing conditions]
When the DCNT8N value underflows, or on channel 2 (GR2F) compare-
match
1
DCNT8N counts
[Setting conditions]
• One-shot pulse function: Set by user program (DCNT8N ≠ H'0000)
•••• Offset one-shot pulse function: Set on OCR2F compare-match (DCNT8N
≠ H'0000 or reload possible) or by user program (DCNT8N ≠ H'0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com