Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 309Page - Renesas Technology Corp SH-2 Datasheet HTML 310Page - Renesas Technology Corp SH-2 Datasheet HTML 311Page - Renesas Technology Corp SH-2 Datasheet HTML 312Page - Renesas Technology Corp SH-2 Datasheet HTML 313Page - Renesas Technology Corp SH-2 Datasheet HTML 314Page - Renesas Technology Corp SH-2 Datasheet HTML 315Page - Renesas Technology Corp SH-2 Datasheet HTML 316Page - Renesas Technology Corp SH-2 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 919 page
background image
287
• Bits 7 to 3—Reserved: These bits always read 0. The write value should always be 0.
• Bit 2—PWM Mode 5 (T5PWM): Selects whether channel 5 operates in input capture/output
compare mode or PWM mode.
Bit 2: T5PWM
Description
0
Channel 5 operates in input capture/output compare mode
(Initial value)
1
Channel 5 operates in PWM mode
When bit T5PWM is set to 1 to select PWM mode, pins TIO5A to TIO5C become PWM
output pins, general register 5D (GR5D) functions as a cycle register, and general registers 5A
to 5C (GR5A to GR5C) function as duty registers. Settings in the timer I/O control registers
(TIOR5A, TIOR5B) are invalid, and general registers 5A to 5D (GR5A to GR5D) can be
written to. Do not use the TIO5D pin as a timer output.
• Bit 1—PWM Mode 4 (T4PWM): Selects whether channel 4 operates in input capture/output
compare mode or PWM mode.
Bit 1: T4PWM
Description
0
Channel 4 operates in input capture/output compare mode
(Initial value)
1
Channel 4 operates in PWM mode
When bit T4PWM is set to 1 to select PWM mode, pins TIO4A to TIO4C become PWM
output pins, general register 4D (GR4D) functions as a cycle register, and general registers 4A
to 4C (GR4A to GR4C) function as duty registers. Settings in the timer I/O control registers
(TIOR4A, TIOR4B) are invalid, and general registers 4A to 4D (GR4A to GR4D) can be
written to. Do not use the TIO4D pin as a timer output.
• Bit 0—PWM Mode 3 (T3PWM): Selects whether channel 3 operates in input capture/output
compare mode or PWM mode.
Bit 0: T3PWM
Description
0
Channel 3 operates in input capture/output compare mode
(Initial value)
1
Channel 3 operates in PWM mode
When bit T3PWM is set to 1 to select PWM mode, pins TIO3A to TIO3C become PWM
output pins, general register 3D (GR3D) functions as a cycle register, and general registers 3A
to 3C (GR3A to GR3C) function as duty registers. Settings in the timer I/O control registers
(TIOR3A, TIOR3B) are invalid, and general registers 3A to 3D (GR3A to GR3D) can be
written to. Do not use the TIO3D pin as a timer output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com