Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 311Page - Renesas Technology Corp SH-2 Datasheet HTML 312Page - Renesas Technology Corp SH-2 Datasheet HTML 313Page - Renesas Technology Corp SH-2 Datasheet HTML 314Page - Renesas Technology Corp SH-2 Datasheet HTML 315Page - Renesas Technology Corp SH-2 Datasheet HTML 316Page - Renesas Technology Corp SH-2 Datasheet HTML 317Page - Renesas Technology Corp SH-2 Datasheet HTML 318Page - Renesas Technology Corp SH-2 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 919 page
background image
289
• Bit 4—Duty Selection Register A (DTSELA): Selects whether channel 6A TO6A output PWM
is set to on-duty or to off-duty.
Bit 4: DTSELA
Description
0
TO6A PWM output is on-duty
(Initial value)
1
TO6A PWM output is off-duty
• Bit 3—Counter Selection Register D (CNTSELD): Selects whether channel 6D PWM is set to
non-complementary PWM mode or to complementary PWM mode.
Bit 3: CNTSELD
Description
0
TCNT6D is set to non-complementary PWM mode
(Initial value)
1
TCNT6D is set to complementary PWM mode
• Bit 2—Counter Selection Register C (CNTSELC): Selects whether channel 6C PWM is set to
non-complementary PWM mode or to complementary PWM mode.
Bit 2: CNTSELC
Description
0
TCNT6C is set to non-complementary PWM mode
(Initial value)
1
TCNT6C is set to complementary PWM mode
• Bit 1—Counter Selection Register B (CNTSELB): Selects whether channel 6B PWM is set to
non-complementary PWM mode or to complementary PWM mode.
Bit 1: CNTSELB
Description
0
TCNT6B is set to non-complementary PWM mode
(Initial value)
1
TCNT6B is set to complementary PWM mode
• Bit 0—Counter Selection Register A (CNTSELA): Selects whether channel 6A PWM is set to
non-complementary PWM mode or to complementary PWM mode.
Bit 0: CNTSELA
Description
0
TCNT6A is set to non-complementary PWM mode
(Initial value)
1
TCNT6A is set to complementary PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com