Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 310Page - Renesas Technology Corp SH-2 Datasheet HTML 311Page - Renesas Technology Corp SH-2 Datasheet HTML 312Page - Renesas Technology Corp SH-2 Datasheet HTML 313Page - Renesas Technology Corp SH-2 Datasheet HTML 314Page - Renesas Technology Corp SH-2 Datasheet HTML 315Page - Renesas Technology Corp SH-2 Datasheet HTML 316Page - Renesas Technology Corp SH-2 Datasheet HTML 317Page - Renesas Technology Corp SH-2 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 919 page
background image
288
10.2.10
PWM Mode Register (PMDR)
The PWM mode register (PMDR) is an 8-bit register. The ATU-II has one PMDR register.
Bit:
76543210
DTSELD
DTSELC
DTSELB
DTSELA
CNTSELD CNTSELC CNTSELB CNTSELA
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PMDR is an 8-bit readable/writable register that selects whether channel 6 PWM output is set to
on-duty/off-duty, or to non-complementary PWM mode/complementary PWM mode.
PMDR is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
• Bit 7—Duty Selection Register D (DTSELD): Selects whether channel 6D TO6D output PWM
is set to on-duty or to off-duty.
Bit 7: DTSELD
Description
0
TO6D PWM output is on-duty
(Initial value)
1
TO6D PWM output is off-duty
• Bit 6—Duty Selection Register C (DTSELC): Selects whether channel 6C TO6C output PWM
is set to on-duty or to off-duty.
Bit 6: DTSELC
Description
0
TO6C PWM output is on-duty
(Initial value)
1
TO6C PWM output is off-duty
• Bit 5—Duty Selection Register B (DTSELB): Selects whether channel 6B TO6B output PWM
is set to on-duty or to off-duty.
Bit 5: DTSELB
Description
0
TO6B PWM output is on-duty
(Initial value)
1
TO6B PWM output is off-duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com