Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 328Page - Renesas Technology Corp SH-2 Datasheet HTML 329Page - Renesas Technology Corp SH-2 Datasheet HTML 330Page - Renesas Technology Corp SH-2 Datasheet HTML 331Page - Renesas Technology Corp SH-2 Datasheet HTML 332Page - Renesas Technology Corp SH-2 Datasheet HTML 333Page - Renesas Technology Corp SH-2 Datasheet HTML 334Page - Renesas Technology Corp SH-2 Datasheet HTML 335Page - Renesas Technology Corp SH-2 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 919 page
background image
306
10.2.15
Free-Running Counters (TCNT)
The free-running counters (TCNT) are 32- or 16-bit up- or up/down-counters. The ATU-II has 17
TCNT counters: one 32-bit TCNT in channel 0, and sixteen 16-bit TCNTs in each of channels 1 to
7 and 11.
Channel
Abbreviation
Function
0
TCNT0H, TCNT0L
32-bit up-counter (initial value H’00000000)
1
TCNT1A, TCNT1B
16-bit up-counters (initial value H'0000)
2
TCNT2A, TCNT2B
3
TCNT3
4
TCNT4
5
TCNT5
6
TCNT6A to TCNT6D
16-bit up/down-counters (initial value H'0001)
7
TCNT7A to TCNT7D
16-bit up-counters (initial value H'0001)
11
TCNT11
16-bit up-counter (initial value H'0000)
Free-Running Counter 0 (TCNT0H, TCNT0L): Free-running counter 0 (comprising TCNT0H
and TCNT0L) is a 32-bit readable/writable register that counts on an input clock. When the bits
corresponding to the timer start register 1 (TSTR1) are set to 1, this counter starts to count. The
input clock is selected with prescaler register 1 (PSCR1).
Bit:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
When TCNT0 overflows (from H'FFFFFFFF to H'00000000), the OVF0 overflow flag in the
timer status register (TSR0) is set to 1.
TCNT0 can only be accessed by a longword read or write. Word reads or writes cannot be used.
TCNT0 is initialized to H'00000000 by a power-on reset, and in hardware standby mode and
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com