Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 330Page - Renesas Technology Corp SH-2 Datasheet HTML 331Page - Renesas Technology Corp SH-2 Datasheet HTML 332Page - Renesas Technology Corp SH-2 Datasheet HTML 333Page - Renesas Technology Corp SH-2 Datasheet HTML 334Page - Renesas Technology Corp SH-2 Datasheet HTML 335Page - Renesas Technology Corp SH-2 Datasheet HTML 336Page - Renesas Technology Corp SH-2 Datasheet HTML 337Page - Renesas Technology Corp SH-2 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 919 page
background image
308
Free-Running Counters 6A to 6D and 7A to 7D (TCNT6A to TCNT6D, TCNT7A to
TCNT7D): Free-running counters 6A to 6D and 7A to 7D (TCNT6A to TCNT6D, TCNT7A to
TCNT7D) are 16-bit readable/writable registers. Channel 6 and 7 counts are started by the timer
start register (TSTR2).
The clock input to channels 6 and 7 is selected with prescaler registers 2 and 3 (PSCR2, PSCR3)
and timer control registers 6 and 7 (TCR6, TCR7).
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
TCNT6A to TCNT6D (in non-complementary PWM mode) and TCNT7A to TCNT7D are cleared
by a compare-match with the cycle register (CYLR).
TCNT6A to TCNT6D (in complementary PWM mode) count up and down between zero and the
cycle register value.
TCNT6A to TCNT6D and TCNT7A to TCNT7D are connected to the CPU by an internal 16-bit
bus, and can only be accessed by a word read or write.
TCNT6A to TCNT6D and TCNT7A to TCNT7D are initialized to H'0001 by a power-on reset,
and in hardware standby mode and software standby mode.
10.2.16
Down-Counters (DCNT)
The DCNT registers are 16-bit down-counters. The ATU-II has 16 DCNT counters in channel 8.
Channel
Abbreviation
Function
8
DCNT8A, DCNT8B,
DCNT8C, DCNT8D,
DCNT8E, DCNT8F,
DCNT8G, DCNT8H,
DCNT8I, DCNT8J,
DCNT8K, DCNT8L,
DCNT8M, DCNT8N,
DCNT8O, DCNT8P
16-bit down-counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com