Electronic Components Datasheet Search
  English  ▼

X  

R8C16 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R8C16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C16 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R8C16 Datasheet HTML 33Page - Renesas Technology Corp R8C16 Datasheet HTML 34Page - Renesas Technology Corp R8C16 Datasheet HTML 35Page - Renesas Technology Corp R8C16 Datasheet HTML 36Page - Renesas Technology Corp R8C16 Datasheet HTML 37Page - Renesas Technology Corp R8C16 Datasheet HTML 38Page - Renesas Technology Corp R8C16 Datasheet HTML 39Page - Renesas Technology Corp R8C16 Datasheet HTML 40Page - Renesas Technology Corp R8C16 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 279 page
background image
R8C/16 Group, R8C/17 Group
5. Reset
Rev.2.10
Jan 19, 2006
Page 24 of 254
REJ09B0169-0210
5.3
Voltage Monitor 1 Reset
A reset is applied using the built-in voltage detection 1 circuit. The voltage detection 1 circuit monitors
the input voltage to the VCC pin. The voltage to monitor is Vdet1.
When the input voltage to the VCC pin reaches to the Vdet1 level or below, the pins, CPU and SFR are
reset.
And when the input voltage to the VCC pin reaches to the Vdet1 level or above, count operation of the
low-speed on-chip oscillator clock starts. When the operation counts the low-speed on-chip oscillator
clock for 32 times, the internal reset signal is held “H” and the microcomputer enters the reset sequence
(See Figure 5.3). The low-speed on-chip oscillator clock divide-by-8 is automatically selected for the
CPU after reset.
Refer to 4. Special Function Register (SFR) for the status of the SFR after voltage monitor 1 reset.
The internal RAM is not reset. When the input voltage to the VCC pin reaches to the Vdet1 level or
below during writing to the internal RAM, the internal RAM is in indeterminate state.
Refer to 6. Voltage Detection Circuit for details of voltage monitor 1 reset.
5.4
Voltage Monitor 2 Reset
A reset is applied using the built-in voltage detection 2 circuit. The voltage detection 2 circuit monitors
the input voltage to the VCC pin. The voltage to monitor is Vdet2.
When the input voltage to the VCC pin drops to the Vdet2 level or below, the pins, CPU and SFR are
reset and the program is executed beginning with the address indicated by the reset vector. After reset,
the low-speed on-chip oscillator clock divide-by-8 is automatically selected for the CPU clock.
The voltage monitor 2 does not reset some SFRs. Refer to 4. Special Function Register (SFR) for
details.
The internal RAM is not reset. When the input voltage to the VCC pin reaches to the Vdet2 level or
below during writing to the internal RAM, the internal RAM is in indeterminate state.
Refer to 6. Voltage Detection Circuit for details of voltage monitor 2 reset.
5.5
Watchdog Timer Reset
When the PM12 bit in the PM1 register is set to “1” (reset when watchdog timer underflows), the
microcomputer resets its pins, CPU and SFR if the watchdog timer underflows. Then the program is
executed beginning with the address indicated by the reset vector. After reset, the low-speed on-chip
oscillator clock divide-by-8 is automatically selected for the CPU clock.
After reset, the low-speed on-chip oscillator clock divide-by-8 is automatically selected for the CPU
clock.
The watchdog timer reset does not reset some SFRs. Refer to 4. Special Function Register (SFR) for
details.
The internal RAM is not reset. When the watchdog timer underflows, the internal RAM is in
indeterminate state.
Refer to 12. Watchdog Timer for watchdog timer.
5.6
Software Reset
When the PM03 bit in the PM0 register is set to “1” (microcomputer reset), the microcomputer resets its
pins, CPU and SFR. The the program is executed beginning with the address indicated by the reset
vector. After reset, the low-speed on-chip oscillator clock divide-by-8 is automatically selected for the
CPU clock.
The software reset does not reset some SFRs. Refer to 4. Special Function Register (SFR) for details.
The internal RAM is not reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com