Electronic Components Datasheet Search
  English  ▼

X  

R8C16 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R8C16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C16 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R8C16 Datasheet HTML 82Page - Renesas Technology Corp R8C16 Datasheet HTML 83Page - Renesas Technology Corp R8C16 Datasheet HTML 84Page - Renesas Technology Corp R8C16 Datasheet HTML 85Page - Renesas Technology Corp R8C16 Datasheet HTML 86Page - Renesas Technology Corp R8C16 Datasheet HTML 87Page - Renesas Technology Corp R8C16 Datasheet HTML 88Page - Renesas Technology Corp R8C16 Datasheet HTML 89Page - Renesas Technology Corp R8C16 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 73 of 254
REJ09B0169-0210
Figure 11.16
TCC1 Register
Timer C Control Register 1
Symbol
Address
After Reset
TCC1
009Bh
00h
Bit Symbol
Bit Name
Function
RW
INT3
_____
Filter Select Bit(1)
NOTES :
1.
2.
3.
RW
Compare 0 / Capture Select Bit 0 : Capture Select (input capture mode) (2)
1 : Compare 0 Output Select
(output compare mode)
RW
RW
b1b0
0 0 : No filter
0 1 : Filter w ith f1 sampling
1 0 : Filter w ith f8 sampling
1 1 : Filter w ith f32 sampling
TCC15
RW
TCC14
RW
Compare 0 Output Mode Select
Bit(3)
b5 b4
0 0 : CMP output remains unchanged even
w hen compare 0 is matched
0 1 : CMP output is reversed w hen compare
0 signal is matched
1 0 : CMP output is set to “L” w hen compare
0 signal is matched
1 1 : CMP output is set to “H” w hen compare
0 signal is matched
When the TCC00 bit in the TCC0 register is set to “0” (count stop), rew rite the TCC13 bit.
TCC16
RW
TCC17
RW
When the same value from the INT3
_____
pin is sampled three times continuously, the input is determined.
Compare 1 Output Mode Select
Bit(3)
b7 b6
0 0 : CMP output remains unchanged even
w hen compare 1 is matched
0 1 : CMP output is reversed w hen compare
1 signal is matched
1 0 : CMP output is set to “L” w hen compare
1 signal is matched
1 1 : CMP output is set to “H” w hen compare
1 signal is matched
b1
0 : No reload
1 : Set TC register to “0000h” w hen compare 1
is matched
b7 b6 b5 b4
When the TCC13 bit is set to “0” (input capture mode), set the TCC12, TCC14 to TCC17 bits to “0”.
TCC12
b0
Timer C Counter Reload Select
Bit(2,3)
TCC11
TCC10
TCC13
RW
b3 b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com