Electronic Components Datasheet Search
  English  ▼

X  

R8C16 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R8C16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C16 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R8C16 Datasheet HTML 51Page - Renesas Technology Corp R8C16 Datasheet HTML 52Page - Renesas Technology Corp R8C16 Datasheet HTML 53Page - Renesas Technology Corp R8C16 Datasheet HTML 54Page - Renesas Technology Corp R8C16 Datasheet HTML 55Page - Renesas Technology Corp R8C16 Datasheet HTML 56Page - Renesas Technology Corp R8C16 Datasheet HTML 57Page - Renesas Technology Corp R8C16 Datasheet HTML 58Page - Renesas Technology Corp R8C16 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 42 of 254
REJ09B0169-0210
Figure 9.4
OCD Register
Oscillation Stop Detection Register
(1)
Symbol
Address
After Reset
OCD
000Ch
04h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
5.
6.
7.
b7 b6 b5 b4 b3 b2 b1 b0
0000
OCD1
RW
Oscillation Stop Detection
Enable Bit
b1 b0
0 0 : Oscillation stop detection function
disabled
0 1 : Do not set
1 0 : Do not set
1 1 : Oscillation stop detection function
enabled(4,7)
OCD0
RW
OCD2
System Clock Select Bit(6)
0 : Selects main clock(7)
1 : Selects on-chip oscillator clock(2)
RW
OCD3
Clock Monitor Bit(3,5)
0 : Main clock oscillates
1 : Main clock stops
RO
—
(b7-b4)
Reserved Bit
Set to “0”
RW
The OCD3 bit remains “0” (main clock oscillates) if the OCD1 to OCD0 bits are set to “00b”.
The CM14 bit is set to “0” (low -speed on-chip oscillator on) if the OCD2 bit is set to “1” (selects on-chip oscillator
clock).
Refer to Figure 9.9 Procedure of Sw itching Clock Source From Low -Speed On-Chip Oscillator to Main
Clock for the sw itching procedure w hen the main clock re-oscillates after detecting an oscillation stop.
Set the PRC0 bit in the PRCR register to “1” (enables w riting) before rew riting to this register.
The OCD2 bit is automatically set to “1” (selects on-chip oscillator clock) if a main clock oscillation stop is detected
w hile the OCD1 to OCD0 bits are set to “11b” (oscillation stop detection function enabled). If the OCD3 bit is set to “1”
(main clock stops), the OCD2 bit remains unchanged w hen w riting “0” (selects main
clock).
The OCD3 bit is enabled w hen the OCD1 to OCD0 bits are set to “11b”.
Set the OCD1 to OCD0 bits to “00b” (oscillation stop detection function disabled) before entering stop and on-chip
oscillator mode (main clock stops).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com