Electronic Components Datasheet Search
  English  ▼

X  

SH7641 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # SH7641
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
PDF  1040 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7641 Datasheet(HTML) 5 Page - Renesas Technology Corp

  SH7641 Datasheet HTML 1Page - Renesas Technology Corp SH7641 Datasheet HTML 2Page - Renesas Technology Corp SH7641 Datasheet HTML 3Page - Renesas Technology Corp SH7641 Datasheet HTML 4Page - Renesas Technology Corp SH7641 Datasheet HTML 5Page - Renesas Technology Corp SH7641 Datasheet HTML 6Page - Renesas Technology Corp SH7641 Datasheet HTML 7Page - Renesas Technology Corp SH7641 Datasheet HTML 8Page - Renesas Technology Corp SH7641 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1040 page
background image
Rev. 2.00 Mar. 15, 2007 Page v of l
Important Notice on the Quality Assurance for this LSI
Although the wafer process of this LSI is entrusted to the external silicon foundries, the quality of
this LSI is guaranteed for the customers under the quality assurance system of our company.
However, if it is clear that our company is responsible for a defective product, we will only offer,
after the agreement of both parties, to exchange it with a new product from stock.
The following shows the robustness (reference values) of the LSI against static-electricity-induced
breakdown.
Robustness (Reference Values) of the LSI against Static-electricity-induced Breakdown
Machine Model Method
± 200 V or more
Human Body Model Method
± 1500 V or more
Charged Device Model Method
± 1000 V or more
For the details on the quality assurance of this LSI, contact your nearest Renesas Technology sales
representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com