Electronic Components Datasheet Search
  English  ▼

X  

SH7641 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SH7641
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
PDF  1040 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7641 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SH7641 Datasheet HTML 4Page - Renesas Technology Corp SH7641 Datasheet HTML 5Page - Renesas Technology Corp SH7641 Datasheet HTML 6Page - Renesas Technology Corp SH7641 Datasheet HTML 7Page - Renesas Technology Corp SH7641 Datasheet HTML 8Page - Renesas Technology Corp SH7641 Datasheet HTML 9Page - Renesas Technology Corp SH7641 Datasheet HTML 10Page - Renesas Technology Corp SH7641 Datasheet HTML 11Page - Renesas Technology Corp SH7641 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1040 page
background image
Rev. 2.00 Mar. 15, 2007 Page viii of l
Preface
The SH7641 RISC (Reduced Instruction Set Computer) microcomputer includes a Renesas
Technology original RISC CPU as its core, and the peripheral functions required to configure a
system.
Target Users: This manual was written for users who will be using this LSI in the design of
application systems. Users of this manual are expected to understand the
fundamentals of electrical circuits, logical circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of this LSI to the above users.
Refer to the SH-3/SH-3E/SH3-DSP Software Manual for a detailed description of
the instruction set.
Notes on reading this manual:
• Product names
The following products are covered in this manual.
Product Classifications and Abbreviations
Basic Classification
Product Code
SH7641
R4S76410
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the SH-3/SH-3E/SH3-DSP Software Manual.
This product does not support the MMU functions. For example, the LDTLB instruction code
is executed as the NOP instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com