Electronic Components Datasheet Search
  English  ▼

X  

SH7641 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7641
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
PDF  1040 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7641 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7641 Datasheet HTML 18Page - Renesas Technology Corp SH7641 Datasheet HTML 19Page - Renesas Technology Corp SH7641 Datasheet HTML 20Page - Renesas Technology Corp SH7641 Datasheet HTML 21Page - Renesas Technology Corp SH7641 Datasheet HTML 22Page - Renesas Technology Corp SH7641 Datasheet HTML 23Page - Renesas Technology Corp SH7641 Datasheet HTML 24Page - Renesas Technology Corp SH7641 Datasheet HTML 25Page - Renesas Technology Corp SH7641 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 1040 page
background image
Rev. 2.00 Mar. 15, 2007 Page xxii of l
18.7.8 Conflict between TGR Read and Input Capture ................................................... 634
18.7.9 Conflict between TGR Write and Input Capture .................................................. 635
18.7.10 Conflict between Buffer Register Write and Input Capture.................................. 636
18.7.11 TCNT2 Write and Overflow/Underflow Conflict in Cascade Connection ........... 636
18.7.12 Counter Value during Complementary PWM Mode Stop .................................... 638
18.7.13 Buffer Operation Setting in Complementary PWM Mode ................................... 638
18.7.14 Reset Sync PWM Mode Buffer Operation and Compare Match Flag .................. 639
18.7.15 Overflow Flags in Reset Sync PWM Mode.......................................................... 640
18.7.16 Conflict between Overflow/Underflow and Counter Clearing ............................. 640
18.7.17 Conflict between TCNT Write and Overflow/Underflow .................................... 641
18.7.18 Cautions on Transition from Normal Operation or PWM Mode 1 to
Reset-Synchronous PWM Mode........................................................................... 642
18.7.19 Output Level in Complementary PWM Mode and Reset-Synchronous
PWM Mode .......................................................................................................... 642
18.7.20 Interrupts in Module Standby Mode ..................................................................... 642
18.7.21 Simultaneous Input Capture of TCNT_1 and TCNT_2 in
Cascade Connection.............................................................................................. 642
18.8
MTU Output Pin Initialization........................................................................................... 643
18.8.1 Operating Modes .................................................................................................. 643
18.8.2 Reset Start Operation ............................................................................................ 643
18.8.3 Operation in Case of Re-Setting Due to Error During Operation, etc. ................. 644
18.8.4 Overview of Initialization Procedures and Mode Transitions in Case of
Error during Operation, etc. .................................................................................. 645
18.9
Port Output Enable (POE) ................................................................................................. 675
18.9.1 Features................................................................................................................. 675
18.9.2 Pin Configuration.................................................................................................. 677
18.9.3 Register Configuration.......................................................................................... 677
18.9.4 Operation .............................................................................................................. 683
Section 19 Serial Communication Interface with FIFO (SCIF) .......................... 687
19.1
Overview............................................................................................................................ 687
19.1.1 Features................................................................................................................. 687
19.2
Pin Configuration...............................................................................................................690
19.3
Register Description .......................................................................................................... 691
19.3.1 Receive Shift Register (SCRSR) .......................................................................... 692
19.3.2 Receive FIFO Data Register (SCFRDR) .............................................................. 692
19.3.3 Transmit Shift Register (SCTSR) ......................................................................... 692
19.3.4 Transmit FIFO Data Register (SCFTDR)............................................................. 693
19.3.5 Serial Mode Register (SCSMR)............................................................................ 693
19.3.6 Serial Control Register (SCSCR).......................................................................... 697



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com