Electronic Components Datasheet Search
  English  ▼

X  

SH7641 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7641
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
PDF  1040 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7641 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7641 Datasheet HTML 51Page - Renesas Technology Corp SH7641 Datasheet HTML 52Page - Renesas Technology Corp SH7641 Datasheet HTML 53Page - Renesas Technology Corp SH7641 Datasheet HTML 54Page - Renesas Technology Corp SH7641 Datasheet HTML 55Page - Renesas Technology Corp SH7641 Datasheet HTML 56Page - Renesas Technology Corp SH7641 Datasheet HTML 57Page - Renesas Technology Corp SH7641 Datasheet HTML 58Page - Renesas Technology Corp SH7641 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1040 page
background image
Section 1 Overview
Rev. 2.00 Mar. 15, 2007 Page 5 of 986
REJ09B0346-0200
Items
Specification
Advanced user
debugger (AUD)
• Six output pins
• Trace of branch source/destination address
• Window data trace function
• Full trace function
 All trace data can be output by stalling the CPU even when the
trace data is not output in time
• Real-time trace function
 Function to output trace data that can be output at the range not to
stall the CPU
Multi-function timer
pulse unit (MTU)
• Maximum 16-pulse input/output
• Selection of 8 counter input clocks for each channel
• The following operations can be set for each channel:
 Waveform output at compare match
 Input capture function
 Counter clear operation
 A maximum 12-phase PWM output is possible in combination with
synchronous operation
• Buffer operation settable for channels 0,3,and 4
• Phase counting mode settable independently for each of channels 1
and 2
• Cascade connection operation
• Fast access via internal 16-bit bus
• 23 interrupt sources
• Automatic transfer of register data
• A/D converter conversion start trigger can be generated
• Module standby mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com