Electronic Components Datasheet Search
  English  ▼

X  

SH7710 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7710
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  996 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7710 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7710 Datasheet HTML 51Page - Renesas Technology Corp SH7710 Datasheet HTML 52Page - Renesas Technology Corp SH7710 Datasheet HTML 53Page - Renesas Technology Corp SH7710 Datasheet HTML 54Page - Renesas Technology Corp SH7710 Datasheet HTML 55Page - Renesas Technology Corp SH7710 Datasheet HTML 56Page - Renesas Technology Corp SH7710 Datasheet HTML 57Page - Renesas Technology Corp SH7710 Datasheet HTML 58Page - Renesas Technology Corp SH7710 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 996 page
background image
Section 1 Overview and Pin Function
Rev. 2.00 Dec. 07, 2005 Page 13 of 950
REJ09B0079-0200
Pin No.
(FP-256G/GV)
Pin No.
(BP-256H/HV
)
Pin Name
I/O
Description
89
W9
D27
IO
Data bus
90
U9
D28
IO
Data bus
91
Y9
D29
IO
Data bus
92
V10
VccQ
I/O power supply (3.3 V)
93
W10
VssQ
I/O power supply (0 V)
94
U10
D30
IO
Data bus
95
Y10
D31
IO
Data bus
96
Y11
A18
O
Address bus
97
U11
A19
O
Address bus
98
Y12
A20
O
Address bus
99
V11
Vcc
Internal power supply (1.5 V)
100
W11
Vss
Internal power supply (0 V)
101
U12
A21
O
Address bus
102
Y13
A22
O
Address bus
103
V12
A23
O
Address bus
104
W12
A24
O
Address bus
105
U13
A25
O
Address bus
106
Y14
PTB0
IO
I/O port B
107
V13
VccQ
I/O power supply (3.3 V)
108
W13
VssQ
I/O power supply (0 V)
109
U14
PTB1/
CTS1
IO/I
I/O port B/SCIF1 transmit clear
110
Y15
PTB2/
RTS1
IO/O
I/O port B/SCIF1 transmit request
111
V14
PTB3/RXD1
IO/I
I/O port B/SCIF1 receive data
112
Y16
PTB4/TXD1
IO/O
I/O port B/SCIF1 transmit data
113
U15
Vcc
Internal power supply (1.5 V)
114
W14
Vss
Internal power supply (0 V)
115
V15
PTB5/SCIF1CK
IO/IO
I/O port B/SCIF1 serial clock
116
Y17
PTB6/
CTS0
IO/I
I/O port B/SCIF0 transmit clear
117
U16
PTB7/
RTS0
IO/O
I/O port B/SCIF0 transmit request
118
W15
PTA0/RXD0
IO/I
I/O port A/SCIF0 receive data
119
U17
PTA1/TXD0
IO/O
I/O port A/SCIF0 transmit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com