| Electronic Components Datasheet Search |
|
SH7710 Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7710 Datasheet(HTML) 28 Page - Renesas Technology Corp |
|
28 / 996 page ![]() Rev. 2.00 Dec. 07, 2005 Page xxviii of xlii Section 4 Exception Handling Figure 4.1 Register Bit Configuration ........................................................................................ 156 Section 5 Memory Management Unit (MMU) Figure 5.1 MMU Functions ........................................................................................................ 183 Figure 5.2 Virtual Address Space (MMUCR.AT = 1)................................................................ 185 Figure 5.3 Virtual Address Space (MMUCR.AT = 0)................................................................ 186 Figure 5.4 P4 Area...................................................................................................................... 187 Figure 5.5 External Memory Space ............................................................................................ 188 Figure 5.6 Overall Configuration of the TLB............................................................................. 193 Figure 5.7 Virtual Address and TLB Structure........................................................................... 194 Figure 5.8 TLB Indexing (IX = 1) ..............................................................................................195 Figure 5.9 TLB Indexing (IX = 0) ..............................................................................................196 Figure 5.10 Objects of Address Comparison.............................................................................. 197 Figure 5.11 Operation of LDTLB Instruction............................................................................. 202 Figure 5.12 Synonym Problem (32-kbyte Cache) ...................................................................... 204 Figure 5.13 MMU Exception Generation Flowchart .................................................................. 210 Figure 5.14 Specifying Address and Data for Memory-Mapped TLB Access........................... 212 Section 6 Cache Figure 6.1 Cache Structure ......................................................................................................... 215 Figure 6.2 Cache Search Scheme ............................................................................................... 223 Figure 6.3 Write-Back Buffer Configuration.............................................................................. 225 Figure 6.4 Specifying Address and Data for Memory-Mapped Cache Access (16 kbytes mode) ....................................................................................................... 228 Figure 6.5 Specifying Address and Data for Memory-Mapped Cache Access (32 kbytes mode) ....................................................................................................... 229 Section 8 Interrupt Controller (INTC) Figure 8.1 Block Diagram of INTC............................................................................................ 236 Figure 8.2 Example of IRL Interrupt Connection....................................................................... 239 Figure 8.3 Interrupt Operation Flowchart................................................................................... 261 Section 9 User Break Controller Figure 9.1 Block Diagram of User Break Controller.................................................................. 265 Section 10 Power-Down Modes Figure 10.1 Canceling Standby Mode with STBCR.STBY........................................................ 305 Figure 10.2 STATUS Output at Power-On Reset....................................................................... 306 Figure 10.3 STATUS Output at Manual Reset........................................................................... 307 Figure 10.4 STATUS Output when Software Standby Mode is Canceled by Interrupt ............. 307 Figure 10.5 STATUS Output when Software Standby Mode is Canceled by Power-on Reset.. 308 Figure 10.6 STATUS Output when Software Standby Mode is Canceled by Manual Reset ..... 308 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |