Electronic Components Datasheet Search
  English  ▼

X  

SH7710 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7710
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  996 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7710 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7710 Datasheet HTML 26Page - Renesas Technology Corp SH7710 Datasheet HTML 27Page - Renesas Technology Corp SH7710 Datasheet HTML 28Page - Renesas Technology Corp SH7710 Datasheet HTML 29Page - Renesas Technology Corp SH7710 Datasheet HTML 30Page - Renesas Technology Corp SH7710 Datasheet HTML 31Page - Renesas Technology Corp SH7710 Datasheet HTML 32Page - Renesas Technology Corp SH7710 Datasheet HTML 33Page - Renesas Technology Corp SH7710 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 996 page
background image
Rev. 2.00 Dec. 07, 2005 Page xxx of xlii
Figure 12.27 Access Timing in Low-Frequency Mode .............................................................. 432
Figure 12.28 Access Timing in Power-Down Mode .................................................................. 433
Figure 12.29 Write Timing for SDRAM Mode Register (Based on JEDEC)............................. 436
Figure 12.30 EMRS Command Issue Timing............................................................................. 438
Figure 12.31 Transition Timing in Deep Power-Down Mode.................................................... 439
Figure 12.32 Burst ROM (Clock Asynchronous) Access (Bus Width = 32 Bits,
16-byte Transfer (Number of Bursts = 4), Access Wait for First Time = 2,
Access Wait for 2nd Time and after = 1).............................................................. 441
Figure 12.33 Basic Access Timing for Byte-Selection SRAM (BAS = 0)................................. 442
Figure 12.34 Basic Access Timing for Byte-Selection SRAM (BAS = 1)................................. 443
Figure 12.35 Wait Timing for Byte-Selection SRAM (BAS = 1) (Software Wait Only)........... 444
Figure 12.36 Example of Connection with 32-Bit Data-Width Byte-Selection SRAM ............. 445
Figure 12.37 Example of Connection with 16-Bit Data-Width Byte-Selection SRAM ............. 445
Figure 12.38 Example of PCMCIA Interface Connection.......................................................... 447
Figure 12.39 Basic Access Timing for PCMCIA Memory Card Interface................................. 448
Figure 12.40 Wait Timing for PCMCIA Memory Card Interface (TED[3:0] = B
′0010,
TEH[3:0] = B
′0001, Software Wait = 1, Hardware Wait = 1).............................. 448
Figure 12.41 Example of PCMCIA Space Assignment (CS5BWCR.SA[1:0] = B
′10,
CS6BWCR.SA[1:0] = B
′10)................................................................................. 449
Figure 12.42 Basic Timing for PCMCIA I/O Card Interface ..................................................... 450
Figure 12.43 Wait Timing for PCMCIA I/O Card Interface (TED[3:0] = B
′0010,
TEH[3:0] = B
′0001, Software Wait = 1, Hardware Wait = 1).............................. 451
Figure 12.44 Timing for Dynamic Bus Sizing of PCMCIA I/O Card Interface
(TED[3:0] = B
′0010, TEH[3:0] = B′0001, Software Waits = 3) .......................... 451
Figure 12.45 Burst ROM (Clock Synchronous) Access Timing (Burst Length = 8,
Wait Cycles inserted in First Access = 2, Wait Cycles inserted in Second and
Subsequent Accesses = 1)..................................................................................... 452
Figure 12.46 Bus Arbitration Timing ......................................................................................... 456
Section 13 Direct Memory Access Controller (DMAC)
Figure 13.1 Block Diagram of DMAC ....................................................................................... 460
Figure 13.2 DMA Transfer Flowchart........................................................................................ 476
Figure 13.3 Round-Robin Mode................................................................................................. 480
Figure 13.4 Changes in Channel Priority in Round-Robin Mode............................................... 481
Figure 13.5 Data Flow in Dual Address Mode ........................................................................... 483
Figure 13.6 Example of DMA Transfer Timing in Dual Address Mode
(Source: Ordinary memory, Destination: Ordinary memory) ................................. 484
Figure 13.7 Data Flow in Single Address Mode......................................................................... 485
Figure 13.8 Example of DMA Transfer Timing in Single Address Mode ................................. 486
Figure 13.9 DMA Transfer Example in Cycle-Steal Mode
(Dual Address, DREQ Low Level Detection)......................................................... 487



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com