Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 138Page - Renesas Technology Corp 7540 Datasheet HTML 139Page - Renesas Technology Corp 7540 Datasheet HTML 140Page - Renesas Technology Corp 7540 Datasheet HTML 141Page - Renesas Technology Corp 7540 Datasheet HTML 142Page - Renesas Technology Corp 7540 Datasheet HTML 143Page - Renesas Technology Corp 7540 Datasheet HTML 144Page - Renesas Technology Corp 7540 Datasheet HTML 145Page - Renesas Technology Corp 7540 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 366 page
background image
2-66
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.5 Timer Y and timer Z
Fig. 2.5.6 Structure of Timer Y, Z mode register
Fig. 2.5.7 Structure of Prescaler Y, Prescaler Z
Prescaler Y, Prescaler Z
b7b6b5b4b3 b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
1
1
1
1
1
1
1
1
Prescaler Y (PREY) [Address : 2116]
Prescaler Z (PREZ) [Address : 2516]
•Set a count value of each prescaler.
•While the corresponding timer is stopped, the value set in this
register is written to both prescaler
and the corresponding prescaler latch at the same time.
•While the corresponding timer is operating, the value set in this
register is written to as follows;
When the timer write control bit is “0”, the value is written to
prescaler latch and prescaler at the same time.
When the timer write control bit is “1”, the value is written to
prescaler latch only.
•When this register is read out, the count value of the
corresponding prescaler is read out.
Timer Y, Z mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is “0”.
Timer Y, Z mode register (TYZM) [Address : 20 16)
Timer Y operating mode bit
0 : Timer mode
1 : Programmable waveform
generation mode
Timer Y write control bit
(Note)
0 : Write to latch and timer
simultaneously
1 : Write to only latch
Timer Y count stop bit
0 : Count start
1 : Count stop
Timer Z operating mode bits
b5 b4
0 0 : Timer mode
0 1 : Programmable waveform
generation mode
1 0 : Programmable one-shot
generation mode
1 1 : Programmable wait one-shot
generation mode
Timer Z write control bit
(Note)
0 : Write to latch and timer
simultaneously
1 : Write to only latch
Timer Z count stop bit
0 : Count start
1 : Count stop
✕
Note: When modes other than the timer mode, set these bits to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com