Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 140Page - Renesas Technology Corp 7540 Datasheet HTML 141Page - Renesas Technology Corp 7540 Datasheet HTML 142Page - Renesas Technology Corp 7540 Datasheet HTML 143Page - Renesas Technology Corp 7540 Datasheet HTML 144Page - Renesas Technology Corp 7540 Datasheet HTML 145Page - Renesas Technology Corp 7540 Datasheet HTML 146Page - Renesas Technology Corp 7540 Datasheet HTML 147Page - Renesas Technology Corp 7540 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 366 page
background image
2-68
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.5 Timer Y and timer Z
Fig. 2.5.10 Structure of Timer Y, Z waveform output control register
Fig. 2.5.11 Structure of One-shot start register
Timer Y, Z waveform output control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Timer Y primary waveform
extension control bit
Timer Y secondary waveform
extension control bit
Timer Z output level latch
Timer Z primary waveform
extension control bit
Timer Z secondary waveform
extension control bit
Timer Y output level latch
0 : Falling edge trigger
1 : Rising edge trigger
Timer Y, Z waveform output control register (PUM) [Address : 24 16]
INT0 pin one-shot trigger
control bit (Note)
INT0 pin one-shot trigger active
edge selection bit ( Note)
0 : Waveform not extended
1 : Waveform extended
0 : Waveform not extended
1 : Waveform extended
0 : Waveform not extended
1 : Waveform extended
0 : Waveform not extended
1 : Waveform extended
0 : “L” output
1 : “H” output
0 : “L” output
1 : “H” output
0 : INT0 pin one-shot trigger invalid
1 : INT0 pin one-shot trigger valid
Note: Stop timer Z to change the values of these bits.
One-shot start register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
One-shot start register (ONS) [Address : 2A 16]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
✕
✕
Timer Z one-shot start bit
✕
✕
✕
✕
✕
0 : One-shot stop
1 : One-shot start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com