Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 139Page - Renesas Technology Corp 7540 Datasheet HTML 140Page - Renesas Technology Corp 7540 Datasheet HTML 141Page - Renesas Technology Corp 7540 Datasheet HTML 142Page - Renesas Technology Corp 7540 Datasheet HTML 143Page - Renesas Technology Corp 7540 Datasheet HTML 144Page - Renesas Technology Corp 7540 Datasheet HTML 145Page - Renesas Technology Corp 7540 Datasheet HTML 146Page - Renesas Technology Corp 7540 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 366 page
background image
2-67
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.5 Timer Y and timer Z
Fig. 2.5.8 Structure of Timer Y secondary, Timer Z secondary
Timer Y secondary, Timer Z secondary
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
1
1
1
1
1
1
1
1
Timer Y secondary, Timer Z secondary (TYS, TZS) [Address : 22 16, 2616]
•Set a count value of the corresponding timer.
•The value set in this register is written to the corresponding
secondary latch at the same time.
•These are read disabled bits.
When these bits are read out, the values are undefined.
✕
✕
✕
✕
✕
✕
✕
✕
Fig. 2.5.9 Structure of Timer Y primary, Timer Z primary
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
1
1
1
1
1
1
1
1
Timer Y primary, Timer Z primary
Timer Y primary, Timer Z primary (TYP, TZP) [Address : 23 16, 2716]
•Set a count value of the corresponding timer.
•When the corresponding timer is stopped, the value set in this
register is written to both the corresponding primary latch and
the corresponding timer at the same time.
•When the corresponding timer is operating, the value set in this
register is written as follows;
timer write control bit = 0:
the value is written to both the corresponding primary latch and
the corresponding timer at the same time.
timer write control bit = 1:
the value is written to the corresponding primary latch.
•When these bits are read out, the count value of the corres-
ponding timer is read out (Note).
Note: The primary count value is read out at the primary interval, the secondary count
value is read out at the secondary interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com