Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 293Page - Renesas Technology Corp 7540 Datasheet HTML 294Page - Renesas Technology Corp 7540 Datasheet HTML 295Page - Renesas Technology Corp 7540 Datasheet HTML 296Page - Renesas Technology Corp 7540 Datasheet HTML 297Page - Renesas Technology Corp 7540 Datasheet HTML 298Page - Renesas Technology Corp 7540 Datasheet HTML 299Page - Renesas Technology Corp 7540 Datasheet HTML 300Page - Renesas Technology Corp 7540 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 366 page
background image
3-75
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.3 Notes on use
3.3.3 Notes on Timer
• When n (0 to 255) is written to a timer latch, the frequency division ratio is 1/(n+1).
• When a count source of timer X, timer Y or timer Z is switched, stop a count of timer X.
3.3.4 Notes on Timer A
Notes on using timer A are described below.
(1) Common to all modes
➀ When reading timer A (high-order) (TAH) and timer A (low-order) (TAL), the contents of timer A
is read out. Read both registers in order of TAH and TAL following, certainly.
TAH and TAL keep the values until they are read out.
Also, do not write to them during read. In this case, unexpected operation may occur.
➁ When writing data to TAL and TAH even when timer A is operating or stopped, the data are set
to timer A and timer A latch simultaneously. Write both registers in order of TAL and TAH following,
certainly.
Also, do not read them during write. In this case, unexpected operation may occur.
(2) Period measurement mode, event counter mode, and pulse width HL continuously measurement mode
➀ In order to use CNTR1 pin, set “0” to bit 0 of the port P0 direction register (input mode).
➁ In order to use CNTR1 pin, set “1” to bit 7 of the interrupt control register to disable the P00 key-
on wakeup function.
➂ CNTR1 interrupt active edge depends on the CNTR1 active edge switch bit. When this bit is “0”,
the CNTR1 interrupt request bit is set to “1” at the falling edge of the CNTR1 pin input signal. When
this bit is “1”, the CNTR1 interrupt request bit is set to “1” at the rising edge of the CNTR1 pin input
signal.
However, in the pulse width HL continuously measurement mode, CNTR1 interrupt request is
generated at both rising and falling edges of CNTR1 pin input signal regardless of the setting of
CNTR1 active edge switch bit.
3.3.5 Notes on timer 1
Note on timer 1 is described below.
(1) Notes on set of the oscillation stabilizing time
Timer 1 can be used to set the oscillation stabilizing time after release of the STP instruction. The
oscillation stabilizing time after release of STP instruction can be selected from “set automatically”/
“not set automatically” by the oscillation stabilizing time set bit after release of the STP instruction
of MISRG. When “0” is set to this bit, “0116” is set to timer 1 and “FF16” is set to prescaler 1
automatically. When “1” is set to this bit, nothing is set to timer 1 and prescaler 1. Therefore, set the
wait time according to the oscillation stabilizing time of the oscillation. Also, when timer 1 is used,
set values again to timer 1 and prescaler 1 after system is returned from the stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com