Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 296Page - Renesas Technology Corp 7540 Datasheet HTML 297Page - Renesas Technology Corp 7540 Datasheet HTML 298Page - Renesas Technology Corp 7540 Datasheet HTML 299Page - Renesas Technology Corp 7540 Datasheet HTML 300Page - Renesas Technology Corp 7540 Datasheet HTML 301Page - Renesas Technology Corp 7540 Datasheet HTML 302Page - Renesas Technology Corp 7540 Datasheet HTML 303Page - Renesas Technology Corp 7540 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 366 page
background image
3-78
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.3 Notes on use
➂ The waveform extension function by the timer Z waveform extension control bits can be used only
when “0016” is set to Prescaler Z.
When the value other than “0016” is set to Prescaler Z, be sure to set “0” to EXPZP. Also, when
the timer Y underflow is selected as the timer Z count source, the waveform extension function
cannot be used.
An example of a measurement is shown below.
ex.) The underflow of timer is stored by polling etc. using timer Z interrupt.
Writing to primary is performed in by judging that there is no problem if the underflow by
secondary is completed with reference to primary write operation before.
(Depending on a primary setting value, primary write timing, software and timing of external
trigger to INT0 pin, it may be impossible.)
➃ When using this mode, be sure to set “1” to the timer Z write control bit to select “write to latch
only”.
➄ In order to use TZOUT pin, set “1” to bit 2 of the port P0 direction register (output mode).
➅ Stop Timer Z to change the INT0 pin one-shot trigger control bit and INT0 pin one-shot trigger
active edge selection bit.
(4) Programmable wait one-shot generation mode (timer Z)
➀ In the programmable wait one-shot generation mode, values of TZS, EXPZP and EXPZS are valid
by writing to TZP. Even when changing TZP is not required, write the same value again.
An example of a measurement is shown below.
ex.) The underflow by the primary and the underflow by secondary are stored by polling etc. using
timer Z interrupt.
Writing is performed in by judging that there is no problem if the underflow by secondary is
completed with reference to primary write operation before.
(Depending on a primary setting value, primary write timing, software and timing of external
trigger to INT0 pin, it may be impossible.)
➁ In the programmable wait one-shot generation mode, when the setting value is changed while the
waveform is output, set by software in order not to execute the writing to TZP and the timing of
timer underflow during the secondary interval simultaneously.
➂ The waveform extension function by the timer Z waveform extension control bit can be used only
when “0016” is set to Prescaler Z.
When the value other than “0016” is set to Prescaler Z, be sure to set “0” to EXPZP and EXPZS.
Also, when the timer Y underflow is selected as the timer Z count source, the waveform extension
function cannot be used.
➃ When using this mode, be sure to set “1” to the timer Z write control bits to select “write to latch
only”.
➄ When TZS is read out, the undefined value is read out. However, while Timer Z counts the setting
value of TZS (during one-shot output), the count value during the secondary interval can be
obtained by reading TZP.
➅ In order to use TZOUT pin, set “1” to bit 2 of the port P0 direction register (output mode).
➆ Stop Timer Z to change the INT0 pin one-shot trigger control bit and INT0 pin one-shot trigger
active edge selection bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com