Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 297Page - Renesas Technology Corp 7540 Datasheet HTML 298Page - Renesas Technology Corp 7540 Datasheet HTML 299Page - Renesas Technology Corp 7540 Datasheet HTML 300Page - Renesas Technology Corp 7540 Datasheet HTML 301Page - Renesas Technology Corp 7540 Datasheet HTML 302Page - Renesas Technology Corp 7540 Datasheet HTML 303Page - Renesas Technology Corp 7540 Datasheet HTML 304Page - Renesas Technology Corp 7540 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 366 page
background image
3-79
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.3 Notes on use
(5) Common to all modes (timer Y and timer Z)
Timer Y can stop counting by setting “1” to the timer Y count stop bit in any mode.
Also, when Timer Y underflows, the timer Y interrupt request bit is set to “1”.
Timer Y reloads the value of latch when counting is stopped by the timer Y count stop bit. (When
timer is read out while timer is stopped, the value of latch is read. The value of timer can be read
out only while timer is operating.)
3.3.8 Notes on Serial I/O1
Notes on using serial I/O1 are described below.
(1) Notes when selecting clock synchronous serial I/O
➀ When the clock synchronous serial I/O1 is used, serial I/O2 cannot be used.
➁ When the transmit operation is stopped, clear the serial I/O1 enable bit and the transmit enable
bit to “0” (serial I/O1 and transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/O1 enable bit is cleared to “0” (serial I/O1 disabled), the internal transmission is running
(in this case, since pins TxD1, RxD1, SCLK1, and SRDY1 function as I/O ports, the transmission data
is not output). When data is written to the transmit buffer register in this state, data starts to be
shifted to the transmit shift register. When the serial I/O1 enable bit is set to “1” at this time, the
data during internally shifting is output to the TxD1 pin and an operation failure occurs.
➂ When the receive operation is stopped, clear the receive enable bit to “0” (receive disabled), or
clear the serial I/O1 enable bit to “0” (serial I/O1 disabled).
➃ When the transmit/receive operation is stopped, clear both the transmit enable bit and receive
enable bit to “0” (transmit and receive disabled) simultaneously. (any one of data transmission and
reception cannot be stopped.)
q Reason
In the clock synchronous serial I/O mode, the same clock is used for transmission and reception.
If any one of transmission and reception is disabled, a bit error occurs because transmission and
reception cannot be synchronized.
In this mode, the clock circuit of the transmission circuit also operates for data reception. Accordingly,
the transmission circuit does not stop by clearing only the transmit enable bit to “0” (transmit
disabled). Also, the transmission circuit cannot be initialized even if the serial I/O1 enable bit is
cleared to “0” (serial I/O1 disabled) (same as ➁).
➄ When signals are output from the SRDY1 pin on the reception side by using an external clock, set
all of the receive enable bit, the SRDY1 output enable bit, and the transmit enable bit to “1”.
➅ When the SRDY1 signal input is used, set the using pin to the input mode before data is written to
the transmit/receive buffer register.
➆ Setup of a serial I/O1 synchronous clock selection bit when a clock synchronous serial I/O is selected;
“0” : P12 pin turns into an output pin of a synchronous clock.
“1” : P12 pin turns into an input pin of a synchronous clock.
Setup of a SRDY1 output enable bit (SRDY1) when a clock synchronous serial I/O1 is selected;
“0” : P13 pin can be used as a normal I/O pin.
“1” : P13 pin turns into a SRDY1 output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com