Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 301Page - Renesas Technology Corp 7540 Datasheet HTML 302Page - Renesas Technology Corp 7540 Datasheet HTML 303Page - Renesas Technology Corp 7540 Datasheet HTML 304Page - Renesas Technology Corp 7540 Datasheet HTML 305Page - Renesas Technology Corp 7540 Datasheet HTML 306Page - Renesas Technology Corp 7540 Datasheet HTML 307Page - Renesas Technology Corp 7540 Datasheet HTML 308Page - Renesas Technology Corp 7540 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 366 page
background image
3-83
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.3 Notes on use
3.3.11 Notes on oscillation stop detection circuit
Notes on using oscillation stop detection circuit are described below.
(1) Note on on-chip oscillator
➀ The 7540 Group starts operation by the on-chip oscillator.
➁ On-chip oscillator operation
The clock frequency of the on-chip oscillator depends on the supply voltage and the operation
temperature range.
Be careful that variable frequencies when designing application products.
(2) Notes on oscillation circuit stop detection circuit
➀ When the stop mode is used, set the oscillation stop detection function to “invalid”.
➁ When f(XIN) oscillation is stopped, set the oscillation stop detection function to “invalid”.
➂ The oscillation stop detection circuit is not included in the emulator MCU “M37540RSS”.
(3) Notes on stop mode
➀ When the stop mode is used, set the oscillation stop detection function to “invalid”.
➁ When the stop mode is used, set “0” (STP instruction enabled) to the STP instruction disable bit
of the watchdog timer control register.
➂ Timer 1 can be used to set the oscillation stabilizing time after release of the STP instruction. The
oscillation stabilizing time after release of STP instruction can be selected from “set automatically”/
“not set automatically” by the oscillation stabilizing time set bit after release of the STP instruction
of MISRG. When “0” is set to this bit, “0116” is set to timer 1 and “FF16” is set to prescaler 1
automatically. When “1” is set to this bit, nothing is set to timer 1 and prescaler 1. Therefore, set
the wait time according to the oscillation stabilizing time of the oscillation. Also, when timer 1 is
used, set values again to timer 1 and prescaler 1 after system is returned from the stop mode.
➃ The STP instruction cannot be used during CPU is operating by the on-chip oscillator.
➄ When the stop mode is used, stop the on-chip oscillator oscillation.
➅ Do not execute the STP instruction during the A/D conversion.
(4) Note on wait mode
➀ When the wait mode is used, stop the clock except the operation clock source.
(5) Notes on state transition
➀ When the operation clock source is f(XIN), the CPU clock division ratio can be selected from the
following;
• f(XIN)/2 (high-speed mode)
• f(XIN)/8 (middle-speed mode)
• f(XIN) (double-speed mode)
The double-speed mode can be used only at ceramic oscillation.
Do not use the mode at RC oscillation.
➁ Stabilize the f(XIN) oscillation to change the operation clock source from the on-chip oscillator to f(XIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com