Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 303Page - Renesas Technology Corp 7540 Datasheet HTML 304Page - Renesas Technology Corp 7540 Datasheet HTML 305Page - Renesas Technology Corp 7540 Datasheet HTML 306Page - Renesas Technology Corp 7540 Datasheet HTML 307Page - Renesas Technology Corp 7540 Datasheet HTML 308Page - Renesas Technology Corp 7540 Datasheet HTML 309Page - Renesas Technology Corp 7540 Datasheet HTML 310Page - Renesas Technology Corp 7540 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 366 page
background image
3-85
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.3 Notes on use
3.3.12 Notes on CPU mode register
(1) Switching method of CPU mode register after releasing reset
Switch the CPU mode register (CPUM) at the head of program after releasing reset in the following
method.
Fig. 3.3.4 Switching method of CPU mode register
(2) CPU mode register
Bits 5, 1 and 0 of CPU mode register are used to select oscillation mode and to control operation
modes of the microcomputer. In order to prevent the dead-lock by error-writing (ex. program run-
away), these bits can be rewritten only once after releasing reset. After rewriting it is disable to write
any data to the bit. (The emulator MCU “M37540RSS” is excluded.)
Also, when the read-modify-write instructions (SEB, CLB) are executed to bits 2 to 4, 6 and 7, bits
5, 1 and 0 are locked.
After releasing reset
Switch the oscillation mode
selection bit (bit 5 of CPUM)
Switch the clock division ratio
selection bits (bits 6 and 7 of CPUM)
Main routine
Start with an on-chip oscillator (Note)
An initial value is set as a ceramic
oscillation mode. When it is switched to an
RC oscillation, its oscillation starts.
Select 1/1, 1/2, 1/8 or on-chip oscillator.
Wait by on-chip oscillator operation
until establishment of oscillator clock
When using a ceramic oscillation, wait until
establlishment of oscillation from oscillation starts.
When using an RC oscillation, wait time is not
required basically (time to execute the instruction to
switch from an on-chip oscillator meets the
requirement).
Note. After releasing reset the operation starts by starting an on-chip oscillator automatically.
Do not use an on-chip oscillator at ordinary operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com