Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 304Page - Renesas Technology Corp 7540 Datasheet HTML 305Page - Renesas Technology Corp 7540 Datasheet HTML 306Page - Renesas Technology Corp 7540 Datasheet HTML 307Page - Renesas Technology Corp 7540 Datasheet HTML 308Page - Renesas Technology Corp 7540 Datasheet HTML 309Page - Renesas Technology Corp 7540 Datasheet HTML 310Page - Renesas Technology Corp 7540 Datasheet HTML 311Page - Renesas Technology Corp 7540 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 366 page
background image
3-86
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.3 Notes on use
3.3.13 Notes on interrupts
(1) Switching external interrupt detection edge
For the products able to switch the external interrupt detection edge, switch it as the following sequence.
Clear an interrupt enable bit to “0” (interrupt disabled)
↓
Switch the detection edge
↓
NOP (one or more instructions)
↓
Clear an interrupt request bit to “0”
(no interrupt request issued)
↓
Set the interrupt enable bit to “1” (interrupt enabled)
(2) Check of interrupt request bit
When executing the BBC or BBS instruction to an interrupt request bit of an interrupt request register
immediately after this bit is set to “0” by using a data transfer instruction, execute one or more
instructions before executing the BBC or BBS instruction.
q Reason
If the BBC or BBS instruction is executed immediately after an interrupt request bit of an interrupt
request register is cleared to “0”, the value of the interrupt request bit before being cleared to “0”
is read.
Clear the interrupt request bit to “0” (no interrupt issued)
↓
NOP (one or more instructions)
↓
Execute the BBC or BBS instruction
Data transfer instruction:
LDM, LDA, STA, STX, and STY instructions
Fig. 3.3.6 Sequence of check of interrupt request bit
Fig. 3.3.5 Sequence of switch the detection edge
q Reason
The interrupt circuit recognizes the switching of the detection edge as the change of external input
signals. This may cause an unnecessary interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com