Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 300Page - Renesas Technology Corp 7540 Datasheet HTML 301Page - Renesas Technology Corp 7540 Datasheet HTML 302Page - Renesas Technology Corp 7540 Datasheet HTML 303Page - Renesas Technology Corp 7540 Datasheet HTML 304Page - Renesas Technology Corp 7540 Datasheet HTML 305Page - Renesas Technology Corp 7540 Datasheet HTML 306Page - Renesas Technology Corp 7540 Datasheet HTML 307Page - Renesas Technology Corp 7540 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 366 page
background image
3-82
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.3 Notes on use
3.3.10 Notes on A/D converter
Notes on A/D converter are described below.
(1) Analog input pin
Figure 3.3.2 shows the internal equivalent circuit of an analog input. In order to execute the A/D
conversion correctly, to complete the charge to an internal capacitor within the specified time is
required. The maximum output impedance of the analog input source required to complete the
charge to a capacitor within the specified time is as follows;
About 35 k
Ω (at f(XIN) = 8 MHz)
When the maximum output impedance exceeds the above value, equip an analog input pin with an
external capacitor of 0.01
µF to 1µF between an analog input pin and VSS.
Further, be sure to verify the operation of application products on the user side.
q Reason
An analog input pin includes the capacitor for analog voltage comparison. Accordingly, when
signals from signal source with high impedance are input to an analog input pin, charge and
discharge noise generates. This may cause the A/D conversion/comparison precision to be worse.
(2) Clock frequency during A/D conversion
The comparator consists of a capacity coupling, and a charge of the capacity will be lost if the clock
frequency is too low. Thus, make sure the following during an A/D conversion.
• f(XIN) is 500 kHz or more
• Do not execute the STP instruction
(3) Note on A/D converter
As for AD translation accuracy, on the following operating conditions, accuracy may become low.
(1) Since the analog circuit inside a microcomputer becomes sensitive to noise when VREF voltage
is set up lower than Vcc voltage, accuracy may become low rather than the case where VREF
voltage and Vcc voltage are set up to the same value.
(2) When VREF voltage is lower than [3.0 V], the accuracy at the low temperature may become
extremely low compared with that at room temperature When the system would be used at low
temperature, the use at VREF=3.0 V or more is recommended.
Fig. 3.3.2 Connection diagram
ANi (i=0 to 7: 36-pin version
i=0 to 5: 32-pin version)
C1
12 pF(Typical)
Notes 1: This is a parasitic diode.
2: Only the selected analog input pin is turned on.
C2
1.5 pF(Typical)
Chopper Amp.
A/D control circuit
Typical voltage
generation circuit
Switch tree,
ladder resistor
1.5 k
Ω(Typical)
VSS
VSS
VCC
VSS
VREF
R
(Note 1)
SW1
(Note 2)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com