Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 302Page - Renesas Technology Corp 7540 Datasheet HTML 303Page - Renesas Technology Corp 7540 Datasheet HTML 304Page - Renesas Technology Corp 7540 Datasheet HTML 305Page - Renesas Technology Corp 7540 Datasheet HTML 306Page - Renesas Technology Corp 7540 Datasheet HTML 307Page - Renesas Technology Corp 7540 Datasheet HTML 308Page - Renesas Technology Corp 7540 Datasheet HTML 309Page - Renesas Technology Corp 7540 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 366 page
background image
3-84
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.3 Notes on use
➂ When the on-chip oscillation is used as the operation clock, the CPU clock division ratio is the
middle-speed mode.
➃ When the state transition state 2
→state 3→state 4 is performed, execute the NOP instruction as
shown below according to the division ratio of CPU clock.
• CPUM76
→102 (State 2→state 3)
• NOP instruction
• CPUM4
→12 (State 3→state 4)
Double-speed mode at on-chip oscillator: NOP✕3
High-speed mode at on-chip oscillator: NOP✕1
Middle-speed mode at on-chip oscillator: NOP✕0
(6) Switch of ceramic and RC oscillations
After releasing reset the operation starts by starting an on-chip oscillator. Then, a ceramic oscillation
or an RC oscillation is selected by setting bit 5 of the CPU mode register.
(7) Double-speed mode
When a ceramic oscillation is selected, a double-speed mode can be used. Do not use it when an
RC oscillation is selected.
(8) Clock division ratio, XIN oscillation control, on-chip oscillator control
The state transition shown in Figure 3.3.3 can be performed by setting the clock division ratio
selection bits (bits 7 and 6), XIN oscillation control bit (bit 4), on-chip oscillator oscillation control bit
(bit 3) of CPU mode register. Be careful of notes on use in Figure 3.3.3.
Fig. 3.3.3 State transition
Stop mode
Wait mode
WIT
instruction
Oscillation stop detection circuit valid
CPUM4
←12
MISRG1
←12
Interrupt
Interrupt
STP
instruction
WIT
instruction
Interrupt
MISRG1
←02
CPUM3
←12
CPUM3
←02
CPUM76
←102
CPUM76
←002
012
112
(Note 2)
CPUM4
←02
MISRG1
←12
MISRG1
←02
Reset released
State 1
Operation clock source:
f(XIN) (Note 1)
f(XIN) oscillation enabled
On-chip oscillator stop
State 2
Operation clock source:
f(XIN) (Note 1)
f(XIN) oscillation enabled
On-chip oscillator enabled
State 3
Operation clock source:
On-chip oscillator (Note 3)
f(XIN) oscillation enabled
On-chip oscillator enalbed
State 4
Operation clock source:
On-chip oscillator (Note 3)
f(XIN) oscillation stop
On-chip oscillator enalbed
Notes on switch of clock
(1) In operation clock source = f(XIN), the following can be
selected for the CPU clock division ratio.
q f(XIN)/2 (high-speed mode)
q f(XIN)/8 (middle-speed mode)
q f(XIN) (double-speed mode, only at a ceramic oscillation)
(2) Execute the state transition state 3 to state 2 or
state 3’ to state 2’ after stabilizing XIN oscillation.
(3) In operation clock source = on-chip oscillator, the middle-
speed mode is selected for the CPU clock division ratio.
(4) When the state transition state 2
→ state 3 → state 4
is performed, execute the NOP instruction as shown below
according to the division ratio of CPU clock.
• CPUM76
→ 102 (State 2 → state 3)
• NOP instruction
• CPUM4
→ 12 (State 3 → state 4)
Double-speed mode at on-chip oscillator: NOP ✕ 3
High-speed mode at on-chip oscillator: NOP ✕ 1
Middle-speed mode at on-chip oscillator: NOP ✕ 0
Reset state
CPUM76
←102
CPUM76
←002
012
112
(Note 2)
State 2’
Operation clock source:
f(XIN) (Note 1)
f(XIN) oscillation enabled
On-chip oscillator enabled
State 3’
Operation clock source:
On-chip oscillator (Note 3)
f(XIN) oscillation enabled
On-chip oscillator enalbed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com