Electronic Components Datasheet Search
  English  ▼

X  

SH7730 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7730
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7780 Series
PDF  1188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7730 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7730 Datasheet HTML 51Page - Renesas Technology Corp SH7730 Datasheet HTML 52Page - Renesas Technology Corp SH7730 Datasheet HTML 53Page - Renesas Technology Corp SH7730 Datasheet HTML 54Page - Renesas Technology Corp SH7730 Datasheet HTML 55Page - Renesas Technology Corp SH7730 Datasheet HTML 56Page - Renesas Technology Corp SH7730 Datasheet HTML 57Page - Renesas Technology Corp SH7730 Datasheet HTML 58Page - Renesas Technology Corp SH7730 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1188 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2007 Page 7 of 1136
REJ09B0359-0100
Item
Features
Serial I/O with
FIFO (SIOF)
• One channel
• Internal 64-byte (32 bits × 16 stages) transmit/receive FIFOs
• Supports 8-/16-bit data and 16-bit stereo audio input/output
• Sampling rate clock input from an external pin
• Incorporates a prescaler
• Module stop function
• Generation of interrupt requests and DMA transfer requests
Serial
communication
interface with
FIFO (SCIF)
• Four channels (SCIF0 to SCIF3)
• Internal 16-byte (8 bits × 16 stages) transmit/receive FIFOs
• Asynchronous mode and clock synchronous mode
• Modem control functions (RTS, CTS) on channels 2 and 3
• High-speed UART for Bluetooth
• Incorporates a prescaler
• Generation of interrupt requests and DMA transfer requests
Serial
communication
interface with
FIFO A (SCIFA)
• Two channels (SCIF4, SCIF5)
• Internal 64-byte (8 bits × 64 stages) transmit/receive FIFOs
• Asynchronous mode and clock synchronous mode
• Modem control functions (RTS, CTS)
• High-speed UART for Bluetooth
• Incorporates a prescaler
• Generation of interrupt requests and DMA transfer requests
IrDA interface
(IrDA)
• Two channels
• Conforms to version 1.2a
SIM card
interface (SIM)
• One channel. Conforms to the ISO 7816-3 data protocol. (T = 0, T = 1)
• Asynchronous half-duplex character transmission protocol
• Data length: 8 bits
• Parity bit generation and check
• Selectable output clock cycles per etu (elementary time unit)
• Selectable direct convention/inverse convention
• Incorporates a prescaler
• Clock output level can be fixed (high or low) in idle state
• Generation of interrupt requests and DMA transfer requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com