Electronic Components Datasheet Search
  English  ▼

X  

SH7764 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7764
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
PDF  1752 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7764 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7764 Datasheet HTML 93Page - Renesas Technology Corp SH7764 Datasheet HTML 94Page - Renesas Technology Corp SH7764 Datasheet HTML 95Page - Renesas Technology Corp SH7764 Datasheet HTML 96Page - Renesas Technology Corp SH7764 Datasheet HTML 97Page - Renesas Technology Corp SH7764 Datasheet HTML 98Page - Renesas Technology Corp SH7764 Datasheet HTML 99Page - Renesas Technology Corp SH7764 Datasheet HTML 100Page - Renesas Technology Corp SH7764 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1752 page
background image
Section 2 Programming Model
Rev. 1.00 Nov. 22, 2007 Page 41 of 1692
REJ09B0360-0100
(2)
Saved Status Register (SSR) (32 bits, Privileged Mode, Initial Value = Undefined)
The contents of SR are saved to SSR in the event of an exception or interrupt.
(3)
Saved Program Counter (SPC) (32 bits, Privileged Mode, Initial Value = Undefined)
The address of an instruction at which an interrupt or exception occurs is saved to SPC.
(4)
Global Base Register (GBR) (32 bits, Initial Value = Undefined)
GBR is referenced as the base address of addressing @(disp,GBR) and @(R0,GBR).
(5)
Vector Base Register (VBR) (32 bits, Privileged Mode, Initial Value = H'00000000)
VBR is referenced as the branch destination base address in the event of an exception or interrupt.
For details, see section 5, Exception Handling.
(6)
Saved General Register 15 (SGR) (32 bits, Privileged Mode, Initial Value = Undefined)
The contents of R15 are saved to SGR in the event of an exception or interrupt.
(7)
Debug Base Register (DBR) (32 bits, Privileged Mode, Initial Value = Undefined)
When the user break debugging function is enabled (CBCR.UBDE = 1), DBR is referenced as the
branch destination address of the user break handler instead of VBR.
2.2.5
System Registers
(1)
Multiply-and-Accumulate Registers (MACH and MACL) (32 bits, Initial Value =
Undefined)
MACH and MACL are used for the added value in a MAC instruction, and to store the operation
result of a MAC or MUL instruction.
(2)
Procedure Register (PR) (32 bits, Initial Value = Undefined)
The return address is stored in PR in a subroutine call using a BSR, BSRF, or JSR instruction. PR
is referenced by the subroutine return instruction (RTS).
(3)
Program Counter (PC) (32 bits, Initial Value = H'A0000000)
PC indicates the address of the instruction currently being executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com