Electronic Components Datasheet Search
  English  ▼

X  

SH7764 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SH7764
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
PDF  1752 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7764 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SH7764 Datasheet HTML 19Page - Renesas Technology Corp SH7764 Datasheet HTML 20Page - Renesas Technology Corp SH7764 Datasheet HTML 21Page - Renesas Technology Corp SH7764 Datasheet HTML 22Page - Renesas Technology Corp SH7764 Datasheet HTML 23Page - Renesas Technology Corp SH7764 Datasheet HTML 24Page - Renesas Technology Corp SH7764 Datasheet HTML 25Page - Renesas Technology Corp SH7764 Datasheet HTML 26Page - Renesas Technology Corp SH7764 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 1752 page
background image
Rev. 1.00 Nov. 22, 2007 Page xxiii of lvi
21.3.22
µFrame Number Register (UFRMNUM) ............................................................. 872
21.3.23 USB Address Register (USBADDR).................................................................... 873
21.3.24 USB Request Type Register (USBREQ) .............................................................. 874
21.3.25 USB Request Value Register (USBVAL)............................................................. 876
21.3.26 USB Request Index Register (USBINDX) ........................................................... 877
21.3.27 USB Request Length Register (USBLENG) ........................................................ 878
21.3.28 DCP Configuration Register (DCPCFG) .............................................................. 879
21.3.29 DCP Maximum Packet Size Register (DCPMAXP)............................................. 880
21.3.30 DCP Control Register (DCPCTR) ........................................................................ 881
21.3.31 Pipe Window Select Register (PIPESEL)............................................................. 891
21.3.32 Pipe Configuration Register (PIPECFG) .............................................................. 892
21.3.33 Pipe Buffer Setting Register (PIPEBUF).............................................................. 899
21.3.34 Pipe Maximum Packet Size Register (PIPEMAXP)............................................. 902
21.3.35 Pipe Timing Control Register (PIPEPERI)........................................................... 904
21.3.36 PIPEn Control Registers (PIPEnCTR) (n = 1 to 9)............................................... 906
21.3.37 PIPEn Transaction Counter Enable Registers (PIPEnTRE) (n = 1 to 5)............... 926
21.3.38 PIPEn Transaction Counter Registers (PIPEnTRN) (n = 1 to 5) .......................... 928
21.3.39 Device Address n Configuration Registers (DEVADDn) (n = 0 to A)................. 930
21.4
Operation ........................................................................................................................... 933
21.4.1 System Control and Oscillation Control ............................................................... 933
21.4.2 Interrupt Functions................................................................................................ 935
21.4.3 Pipe Control .......................................................................................................... 959
21.4.4 FIFO Buffer Memory............................................................................................ 969
21.4.5 Control Transfers (DCP)....................................................................................... 979
21.4.6 Bulk Transfers (PIPE1 to PIPE5).......................................................................... 983
21.4.7 Interrupt Transfers (PIPE6 to PIPE9) ................................................................... 985
21.4.8 Isochronous Transfers (PIPE1 and PIPE2) ........................................................... 986
21.4.9 SOF Interpolation Function .................................................................................. 997
21.4.10 Pipe Schedule........................................................................................................ 998
21.5
Usage Notes ..................................................................................................................... 1000
21.5.1 USB Startup and Stop Procedures ...................................................................... 1000
Section 22 LCD Controller (LCDC)................................................................1001
22.1
Features............................................................................................................................ 1001
22.2
Input/Output Pins ............................................................................................................. 1003
22.3
Register Configuration..................................................................................................... 1004
22.3.1 LCDC Input Clock Register (LDICKR) ............................................................. 1007
22.3.2 LCDC Module Type Register (LDMTR) ........................................................... 1009
22.3.3 LCDC Data Format Register (LDDFR).............................................................. 1012
22.3.4 LCDC Start Address Register for Upper Display Data Fetch (LDSARU) ......... 1014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com