Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 101Page - Renesas Technology Corp 7220 Datasheet HTML 102Page - Renesas Technology Corp 7220 Datasheet HTML 103Page - Renesas Technology Corp 7220 Datasheet HTML 104Page - Renesas Technology Corp 7220 Datasheet HTML 105Page - Renesas Technology Corp 7220 Datasheet HTML 106Page - Renesas Technology Corp 7220 Datasheet HTML 107Page - Renesas Technology Corp 7220 Datasheet HTML 108Page - Renesas Technology Corp 7220 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 303 page
background image
2-78
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
2.11.3 Memory for display
There are 2 types of display memory: CRT display ROM (addresses 1000016 to 11FFF16) used to store
(masked) character dot data and CRT display RAM (addresses 060016 to 06B716) used to specify the colors
and characters to be displayed. Each type of display memory is described below.
(1)
CRT display ROM (addresses 1000016 to 11FFF16)
CRT display ROM stores dot pattern data for characters to be displayed. When actually displaying
characters stored in this ROM, it is necessary to specify them by writing the character code inherent
to each character (code determined based on the addresses in CRT display ROM) into CRT display
RAM.
CRT display ROM has a capacity of 8 K bytes. Since 32 bytes are required for 1 character data, the
ROM can stores up to 256 kinds of characters.
CRT display ROM is broadly divided into 2 areas. The [vertical 16 dots] ! [horizontal (left side) 8
dots] data of display characters are stored in addresses 1000016 to 107FF16 and 1100016 to 117FF16;
the [vertical 16 dots] ! [horizontal (right side) 4 dots] data of display characters are stored in
addresses 1080016 to 10FFF16, 1180016 to 11FFF16 (refer to “Figure 2.11.10”). Note however that the
high-order 4 bits of the data to be written to addresses 1080016 to 10FFF16 and 1180016 to 11FFF16
must be set to “1” (by writing data FX16).
Fig. 2.11.10 Example of display character data storing form
10XX016
+80016
or
11XX016
+80016
0
00
00
00
0
0
00
00
0
0
0
00
01
0
0
0
00
10
1
0
0
01
00
0
0
0
01
00
0
0
0
01
00
0
0
0
10
00
0
0
1
01
11
11
00
1
0
1
00
00
0
0
1
00
00
0
0
1
00
00
0
0
0
00
00
0
0
0
00
10
1
0
0
00
01
0
0
1
1
11
00
0
0
00
0
0
00
0
0
00
0
0
00
0
0
00
0
0
00
0
0
10
0
0
10
0
0
10
0
0
01
0
0
01
0
0
01
0
0
00
0
0
00
0
0
00
0
10XXF16
+80016
or
11XXF16
+80016
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
b7
b0
b7
b0
b3
10XX016
or
11XX016
10XXF16
or
11XXF16
0
00
00
0
0
0
0
0
1
1
1
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com