Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 105Page - Renesas Technology Corp 7220 Datasheet HTML 106Page - Renesas Technology Corp 7220 Datasheet HTML 107Page - Renesas Technology Corp 7220 Datasheet HTML 108Page - Renesas Technology Corp 7220 Datasheet HTML 109Page - Renesas Technology Corp 7220 Datasheet HTML 110Page - Renesas Technology Corp 7220 Datasheet HTML 111Page - Renesas Technology Corp 7220 Datasheet HTML 112Page - Renesas Technology Corp 7220 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 303 page
background image
2-82
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
2.11.4 Color registers
A display character color can be specified by setting a color to one of 4 color registers (CO0 to CO3:
addresses 00E616 to 00E916) and then by specifying the color register with the CRT display RAM.
There are 3 color outputs: R, G, and B. By a combination of these outputs, it is possible to set 23 – 1 (no
output) = 7 colors. However, since color registers are only 4, up to 4 colors can be displayed at one time.
R, G, and B outputs are set by bits 1 to 3 of the color register. Bit 5 is used to specify either a character
output or blank output. Figure 2.11.12 shows the color register.
Either character output or blank output is selected as the OUT1 pin output. Whether blank output or not
is selected as the OUT2 pin output.
Fig. 2.11.12 Color register n (addresses 00E616 to 00E916)
b7 b6 b5 b4 b3 b2 b1 b0
Color register n (CO0 to CO3) (n = 0 to 3) [Addresses 00E616 to 00E916]
B
Name
Functions
After reset R W
Color Register n
0
0
1
B signal output
selection bit (COn1)
0 : No character is output
1 : Character is output
0
2
G signal output
selection bit (COn2)
0 : No character is output
1 : Character is output
0
3
R signal output
selection bit (COn3)
0 : No character is output
1 : Character is output
0
4
B signal output (background)
selection bit (COn4)
0 : No background color is output
1 : Background color is output
0
5
OUT1 signal output
control bit (COn5)
0 : Character is output
1 : Blank is output
0
6
G signal output (background)
selection bit (COn6)
0 : No background color is output
1 : Background color is output
0
7
R signal output (background)
selection bit (COn7)
0 : No background color is output
1 : Background color is output
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
(See note 1)
(See notes 1, 2)
(See note 2)
Notes 1: When bit 5 = “0” and bit 4 = “1,” there is output same as a character or border output
from the OUT1 pin.
Do not set bit 5 = “0” and bit 4 = “0.”
2: When only bit 7 = “1” and bit 5 = “0,” there is output from the OUT2 pin.
R—
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com