Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 107Page - Renesas Technology Corp 7220 Datasheet HTML 108Page - Renesas Technology Corp 7220 Datasheet HTML 109Page - Renesas Technology Corp 7220 Datasheet HTML 110Page - Renesas Technology Corp 7220 Datasheet HTML 111Page - Renesas Technology Corp 7220 Datasheet HTML 112Page - Renesas Technology Corp 7220 Datasheet HTML 113Page - Renesas Technology Corp 7220 Datasheet HTML 114Page - Renesas Technology Corp 7220 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 303 page
background image
2-84
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
Fig. 2.11.13 Generation timing of CRT interrupt
request
Fig. 2.11.14 Display state of blocks and occurrence
of CRT interrupt request
2.11.5 Multi-line display
The M37221M6-XXXSP/FP can ordinarily display 2 lines on the CRT screen by displaying 2 blocks at
different vertical positions. In addition, it can display up to 16 lines by using a CRT interrupt.
A CRT interrupt request occurs at which display of each block has been completed. In other words,
character display of a certain block starts when a scanning line reaches the display position (specified by
vertical position registers) for that block, and an interrupt occurs when the scanning line exceeds the block.
For multi-line display, it is necessary to enable the CRT interrupt (by clearing the interrupt disable flag to
“0” and setting the CRT interrupt enable bit = bit 4 at address 00FE16 to “1”).
In a CRT interrupt processing routine, the character data and vertical position of the block of which display
has been completed (the display as CRT interrupt cause is completed) is then replaced with the character
data (contents of CRT display RAM) and display position (contents of vertical position register) for next
display.
Notes 1: Set the second and later block 1 display start positions of block 1 to be lower than display position
of the last block 2.
2: The CRT interrupt request does not occur at the end of display when the block is not displayed.
In other words, if a block is set to off display with the display control bit of the CRT control
register (at address 00EA16), a CRT interrupt request does not occurs (refer to “Figure 2.11.14”).
CRT interrupt request
Block 1
Block 2
Block 1
,
Block 2
,
Block 1 (on display)
Block 2 (on display)
Block 2 (off display)
CRT interrupt request
On display (CRT interrupt request
occurs at the end of block display)
Off display (CRT interrupt request does
not occur at the end of block display)
Block 1 (off display)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com