Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 103Page - Renesas Technology Corp 7220 Datasheet HTML 104Page - Renesas Technology Corp 7220 Datasheet HTML 105Page - Renesas Technology Corp 7220 Datasheet HTML 106Page - Renesas Technology Corp 7220 Datasheet HTML 107Page - Renesas Technology Corp 7220 Datasheet HTML 108Page - Renesas Technology Corp 7220 Datasheet HTML 109Page - Renesas Technology Corp 7220 Datasheet HTML 110Page - Renesas Technology Corp 7220 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 303 page
background image
2-80
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
Not used
Display position (from left side)
1st character
2nd character
3rd character
:
22nd character
23rd character
24th character
1st character
2nd character
3rd character
:
22nd character
23rd character
24th character
068016
068116
068216
:
069516
069616
069716
069816
:
069F16
06A016
06A116
06A216
:
06B516
06B616
06B716
(2)
CRT display RAM (addresses 060016 to 06B716)
CRT display RAM is assigned to addresses 060016 to 06B716, and is divided into a display character
code specification part and display color specification part for each block. Table 2.11.4 shows the
contents of CRT display RAM.
For example, to display a character at the first character position (leftmost) in block 1, it is necessary
to write the character code in address 060016 and the color register No. to the low-order 2 bits (bits
0 and 1) at address 068016. The color register No. to be written here is one of the 4 color registers
in which display color is set in advance. For details on color registers, refer to “2.11.4 Color registers.”
Table 2.11.4 Contents of CRT display RAM
Block number
Block 1
Block 2
Character code specifying
060016
060116
060216
:
061516
061616
061716
061816
to
061F16
062016
062116
062216
:
063516
063616
063716
Color specifying



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com