Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 46Page - Renesas Technology Corp 4513 Datasheet HTML 47Page - Renesas Technology Corp 4513 Datasheet HTML 48Page - Renesas Technology Corp 4513 Datasheet HTML 49Page - Renesas Technology Corp 4513 Datasheet HTML 50Page - Renesas Technology Corp 4513 Datasheet HTML 51Page - Renesas Technology Corp 4513 Datasheet HTML 52Page - Renesas Technology Corp 4513 Datasheet HTML 53Page - Renesas Technology Corp 4513 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-37
FUNCTION BLOCK OPERATIONS
Fig. 23 Serial I/O register state when transferring
(1) Serial I/O register SI
Serial I/O register SI is the 8-bit data transfer serial/parallel conver-
sion register. Data can be set to register SI through registers A and
B with the TSIAB instruction. The contents of register A is transmit-
ted to the low-order 4 bits of register SI, and the contents of
register B is transmitted to the high-order 4 bits of register SI.
During transmission, each bit data is transmitted LSB first from the
lowermost bit (bit 0) of register SI, and during reception, each bit
data is received LSB first to register SI starting from the topmost bit
(bit 7).
When register SI is used as a work register without using serial I/O,
pull up the SCK pin or set the pin function to an input port P20.
(2) Serial I/O transmission/reception
completion flag (SIOF)
Serial I/O transmission/reception completion flag (SIOF) is set to
“1” when serial data transmission or reception completes. The
state of SIOF flag can be examined with the skip instruction
(SNZSI). Use the interrupt control register V2 to select the inter-
rupt or the skip instruction.
The SIOF flag is cleared to “0” when the interrupt occurs or when
the next instruction is skipped with the skip instruction.
When transmitting (D7–D0 : transfer data)
When receiving
D7 D6 D5 D4 D3 D2 D1 D0
SIN pin
SOUT pin
∗
SOUT pin
SIN pin
Serial I/O register (SI)
Serial I/O register (SI)
D7 D6 D5 D4 D3 D2 D1 D0
D1 D0
Transfer data to be set
Transfer started
Transfer completed
∗ ∗∗∗∗∗ ∗
∗∗ ∗∗∗∗∗ ∗
D0
∗ ∗∗∗∗∗ ∗
∗∗∗∗∗ ∗
∗∗∗∗ ∗∗∗∗
D7 D6 D5 D4 D3 D2
∗∗
D7 D6 D5 D4 D3 D2 D1
∗
D7 D6 D5 D4 D3 D2 D1 D0
(3) Serial I/O start instruction (SST)
When the SST instruction is executed, the SIOF flag is cleared to
“0” and then serial I/O transmission/reception is started.
(4) Serial I/O mode register J1
Register J1 controls the synchronous clock, P20/SCK, P21/SOUT
and P22/SIN pin function. Set the contents of this register through
register A with the TJ1A instruction. The TAJ1 instruction can be
used to transfer the contents of register J1 to register A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com