Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 50Page - Renesas Technology Corp 4513 Datasheet HTML 51Page - Renesas Technology Corp 4513 Datasheet HTML 52Page - Renesas Technology Corp 4513 Datasheet HTML 53Page - Renesas Technology Corp 4513 Datasheet HTML 54Page - Renesas Technology Corp 4513 Datasheet HTML 55Page - Renesas Technology Corp 4513 Datasheet HTML 56Page - Renesas Technology Corp 4513 Datasheet HTML 57Page - Renesas Technology Corp 4513 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-41
FUNCTION BLOCK OPERATIONS
A-D CONVERTER
The 4513/4514 Group has a built-in A-D conversion circuit that
performs conversion by 10-bit successive comparison method.
Table 14 shows the characteristics of this A-D conver ter. This A-
D converter can also be used as an 8-bit comparator to compare
analog voltages input from the analog input pin with preset val-
ues.
Table 14 A-D converter characteristics
Characteristics
Successive comparison method
10 bits
Linearity error: ±2LSB
Non-linearity error: ±0.9LSB
46.5
µs (High-speed mode at 4.0 MHz
oscillation frequency)
4 for 4513 Group
8 for 4514 Group
Parameter
Conversion format
Resolution
Relative accuracy
Conversion speed
Analog input pin
Fig. 26 A-D conversion circuit structure
Register A (4)
VSS
VDD
IAP4
(P40—P43)
TABAD
1/6
Q23
Register B (4)
Q11 Q10
Q12
TADAB
Q22 Q21 Q20
0
1
4
4
4
4
8
8
8
01
1
8
10
Q23
Q23
DAC
operation
signal
0
1
Q23
8
8
2
TALA
Q23
Q13
TAQ1
TQ1A
TAQ2
TQ2A
ADF
(1)
AIN0/CMP0-
AIN1/CMP0+
AIN2/CMP1-
AIN3/CMP1+
P40/AIN4
P41/AIN5
P42/AIN6
P43/AIN7
3
1
0
10
Comparator
Instruction clock
A-D control circuit
Successive comparison
register (AD) (10)
A-D interrupt
DA converter
(Note 1)
Comparator register (8)
(Note 2)
Notes 1: This switch is turned ON only when A-D converter is operating and generates the comparison voltage.
2: Writing/reading data to the comparator register is possible only in the comparator mode (Q23=1).
The value of the comparator register is retained even when the mode is switched to the A-D conversion
mode (Q23=0) because it is separated from the successive comparison register (AD). Also, the resolution in
the comparator mode is 8 bits because the comparator register consists of 8 bits.
3: The 4513 Group does not have ports P40/AIN4–P43/AIN7 and the IAP4 and OP4A instructions.
(Note 3)
OP4A
(P40—P43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com