Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp 4513 Datasheet HTML 92Page - Renesas Technology Corp 4513 Datasheet HTML 93Page - Renesas Technology Corp 4513 Datasheet HTML 94Page - Renesas Technology Corp 4513 Datasheet HTML 95Page - Renesas Technology Corp 4513 Datasheet HTML 96Page - Renesas Technology Corp 4513 Datasheet HTML 97Page - Renesas Technology Corp 4513 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 210 page
background image
Skip condition
Datailed description
4513/4514 Group User’s Manual
HARDWARE
1-81
MACHINE INSTRUCTIONS
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
(D(Y)) = 0
(Y) = 0 to 7
–
–
–
–
–
Transfers the input of port P0 to register A.
Outputs the contents of register A to port P0.
Transfers the input of port P1 to register A.
Outputs the contents of register A to port P1.
Transfers the input of port P2 to register A.
Transfers the input of port P3 to register A.
Outputs the contents of register A to port P3.
Transfers the input of port P4 to register A.
Outputs the contents of register A to port P4.
Transfers the input of port P5 to register A.
Outputs the contents of register A to port P5.
Sets (1) to port D.
Clears (0) to a bit of port D specified by register Y.
Sets (1) to a bit of port D specified by register Y.
Skips the next instruction when a bit of port D specified by register Y is “0.”
Transfers the contents of register A to key-on wakeup control register K0.
Transfers the contents of key-on wakeup control register K0 to register A.
Transfers the contents of register A to pull-up control register PU0.
Transfers the contents of pull-up control register PU0 to register A.
Transfers the contents of register A to direction register FR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com