Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 47Page - Renesas Technology Corp 4513 Datasheet HTML 48Page - Renesas Technology Corp 4513 Datasheet HTML 49Page - Renesas Technology Corp 4513 Datasheet HTML 50Page - Renesas Technology Corp 4513 Datasheet HTML 51Page - Renesas Technology Corp 4513 Datasheet HTML 52Page - Renesas Technology Corp 4513 Datasheet HTML 53Page - Renesas Technology Corp 4513 Datasheet HTML 54Page - Renesas Technology Corp 4513 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 210 page
background image
1-38
HARDWARE
4513/4514 Group User’s Manual
FUNCTION BLOCK OPERATIONS
(5) How to use serial I/O
Figure 24 shows the serial I/O connection example. Serial I/O inter-
rupt is not used in this example. In the actual wiring, pull up the
wiring between each pin with a resistor. Figure 25 shows the data
transfer timing and Table 13 shows the data transfer sequence.
Fig. 24 Serial I/O connection example
SOUT
SRDY signal
SCK
SIN
D5
SCK
SOUT
SIN
D5
Master (clock control)
Serial I/O interrupt enable bit
(SNZSI instruction is valid)
Interrupt control register V2
Serial I/O mode register J1
Serial I/O port
SCK,SOUT,SIN
Instruction clock divided by
8 or 4 selected as a transfer
clock
Internal clock selected as
a synchronous clock
Slave (external clock)
!
0
1
(Bit 3)
(Bit 0)
1
!
!
0
1
!!
!!
This bit is not valid
when J10=“0”
! : Set an arbitrary value.
(Bit 3)
(Bit 0)
(Bit 3)
(Bit 0)
(Bit 3)
(Bit 0)
0
!!
!
Serial I/O interrupt enable bit
(SNZSI instruction is valid)
Interrupt control register V2
Serial I/O port
SCK,SOUT,SIN
External clock selected as
a synchronous clock
Serial I/O mode register J1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com