Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 140Page - Renesas Technology Corp 4513 Datasheet HTML 141Page - Renesas Technology Corp 4513 Datasheet HTML 142Page - Renesas Technology Corp 4513 Datasheet HTML 143Page - Renesas Technology Corp 4513 Datasheet HTML 144Page - Renesas Technology Corp 4513 Datasheet HTML 145Page - Renesas Technology Corp 4513 Datasheet HTML 146Page - Renesas Technology Corp 4513 Datasheet HTML 147Page - Renesas Technology Corp 4513 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 210 page
background image
APPLICATION
2.4 Serial I/O
2-41
4513/4514 Group User’s Manual
2.4.2 Related registers
(1)
Serial I/O register SI
Serial I/O register SI is the 8-bit data transfer serial/parallel conversion register. Data can be set to
register SI through registers A and B with the TSIAB instruction.
(2)
Serial I/O mode register J1
Serial I/O synchronous clock selection bit is assigned to bit 0, serial I/O port selection bit is assigned
to bit 1 and serial I/O internal clock dividing ratio selection bit is assigned to bit 2.
Set the contents of this register through register A with the TJ1A instruction. The TAJ1 instruction
can be used to transfer the contents of register J1 to register A.
Table 2.4.1 shows the serial I/O mode register J1.
Table 2.4.1 Serial I/O mode register J1
Note: “R” represents read enabled, and “W” represents write enabled.
(3)
Serial I/O transmission/reception completion flag (SIOF)
Serial I/O transmission/reception completion flag (SIOF) is set to “1” when serial data transmission
or reception completes. The state of SIOF flag can be examined with the skip instruction (SNZSI).
Serial I/O mode register J1
at reset : 00002
at RAM back-up : state retained
R/W
This bit has no function, but read/write is enabled.
Instruction clock signal divided by 8
Instruction clock signal divided by 4
Input ports P20, P21, P22 selected
Serial I/O ports SCK, SOUT, SIN/input ports P20, P21, P22 selected
External clock
Internal clock (instruction clock divided by 4 or 8)
Not used
Serial I/O internal clock dividing
ratio selection bit
Serial I/O port selection bit
Serial I/O synchronous clock
selection bit
J13
J12
J11
J10
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com