Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 211Page - Renesas Technology Corp H83069RF Datasheet HTML 212Page - Renesas Technology Corp H83069RF Datasheet HTML 213Page - Renesas Technology Corp H83069RF Datasheet HTML 214Page - Renesas Technology Corp H83069RF Datasheet HTML 215Page - Renesas Technology Corp H83069RF Datasheet HTML 216Page - Renesas Technology Corp H83069RF Datasheet HTML 217Page - Renesas Technology Corp H83069RF Datasheet HTML 218Page - Renesas Technology Corp H83069RF Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 1003 page
background image
Rev. 5.0, 09/04, page 193 of 978
6.11
Register and Pin Input Timing
6.11.1
Register Write Timing
ABWCR, ASTCR, WCRH, and WCRL Write Timing: Data written to ABWCR, ASTCR,
WCRH, and WCRL takes effect starting from the next bus cycle. Figure 6.49 shows the timing
when an instruction fetched from area 0 changes area 0 from three-state access to two-state access.
φ
T1
T2
T3
T1
T2
T3
T1
T2
Address bus
3-state access to area 0
2-state access to area 0
ASTCR address
Figure 6.49 ASTCR Write Timing
DDR and CSCR Write Timing: Data written to DDR or CSCR for the port corresponding to the
CSn pin to switch between CSn output and generic input takes effect starting from the T
3 state of
the DDR write cycle. Figure 6.50 shows the timing when the
CS
1 pin is changed from generic
input to
CS
1 output.
φ
T1
T2
T3
+51
Address bus
High-impedance
P8DDR address
Figure 6.50 DDR Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com