Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 214Page - Renesas Technology Corp H83069RF Datasheet HTML 215Page - Renesas Technology Corp H83069RF Datasheet HTML 216Page - Renesas Technology Corp H83069RF Datasheet HTML 217Page - Renesas Technology Corp H83069RF Datasheet HTML 218Page - Renesas Technology Corp H83069RF Datasheet HTML 219Page - Renesas Technology Corp H83069RF Datasheet HTML 220Page - Renesas Technology Corp H83069RF Datasheet HTML 221Page - Renesas Technology Corp H83069RF Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 1003 page
background image
Rev. 5.0, 09/04, page 196 of 978
7.1.2
Block Diagram
Figure 7.1 shows a DMAC block diagram.
IMIA0
IMIA1
IMIA2
ADI
TXI0
RXI0
DREQ
0
DREQ
1
TEND
0
TEND
1
DEND0A
DEND0B
DEND1A
DEND1B
DTCR0A
DTCR0B
DTCR1A
DTCR1B
Control logic
Data buffer
Address buffer
Arithmetic-logic unit
MAR0A
MAR0B
MAR1A
MAR1B
IOAR0A
IOAR0B
IOAR1A
IOAR1B
ETCR0A
ETCR0B
ETCR1A
ETCR1B
Internal address bus
Internal
interrupts
Interrupt
signals
Internal data bus
[Legend]
DTCR:
MAR:
IOAR:
ETCR:
Data transfer control register
Memory address register
I/O address register
Execute transfer count register
Channel
0A
Channel
0B
Channel
1A
Channel
1B
Channel
0
Channel
1
Figure 7.1 Block Diagram of DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com